Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 27 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 27 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 23Page - Weidmuller 0138000000 Datasheet HTML 24Page - Weidmuller 0138000000 Datasheet HTML 25Page - Weidmuller 0138000000 Datasheet HTML 26Page - Weidmuller 0138000000 Datasheet HTML 27Page - Weidmuller 0138000000 Datasheet HTML 28Page - Weidmuller 0138000000 Datasheet HTML 29Page - Weidmuller 0138000000 Datasheet HTML 30Page - Weidmuller 0138000000 Datasheet HTML 31Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
150
Feed-through terminals with tab connection
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/-current
Rated cross-section for clamping yokes
Rated cross-section tab
6.3/2.8 mm
Rated Voltage VDE 0110/1.89/pollution severty
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
With/without plastic insulation collar
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2 pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
PA
End plate (thickness mm)
PA
Partition
for TS 32 HP
Small partition
TSch 6
Cross-connection
Q 3
2-pole
3-pole
4-pole
10-pole
Test plug/socket
Plug test socket without using QL
StB
Plug test socket for use with QL
PS
Insulation sleeve
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
1
) With insulation sleeve
a r #
LR u
6/54/60.5
400 V1)/2 x 16 A
-
2.5/1.0 mm2
8 kV/3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
W
Cat. No.
Qty.
0217160000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
a r #
LR u
6/54/60.5
400 V1)/2x10
-
1.0 mm2
4 kV/3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
W
Cat. No.
Qty.
0297060000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
a r # u
6/54/59.5
6/54/60.5
9 mm/M 3/3.5 x 0.6
400 V1)/2 x 10
4 mm2
1.0 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
0631260000100 0686660000100
Type
Cat. No.
Qty.
AP (1.5)
0631360000
20
TW HP (2.0) 0607000000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000100
DEK 6
see “Accessories”
a r #
6/54/59.5
6/54/60.5
9 mm/M 3/3.5 x 0.6
400 V1)/2 x 10
4 mm2
1.0 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
0631160000 100 0686560000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TW HP (2.0) 0607000000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
Y
Y
DK 4 SS/35
DK 4 SS/35 only 2.8
DK 4 S
DK 4 S/35
DK 4 S only 2.8
DK 4 S/35 only 2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com