Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 16 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 16 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 12Page - Weidmuller 0138000000 Datasheet HTML 13Page - Weidmuller 0138000000 Datasheet HTML 14Page - Weidmuller 0138000000 Datasheet HTML 15Page - Weidmuller 0138000000 Datasheet HTML 16Page - Weidmuller 0138000000 Datasheet HTML 17Page - Weidmuller 0138000000 Datasheet HTML 18Page - Weidmuller 0138000000 Datasheet HTML 19Page - Weidmuller 0138000000 Datasheet HTML 20Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
PE terminals
139
r #
10/52/38
14 mm/M 4/–
–/–/10
1.2…2.4/2.0…4.0*
1.5…10
1.5…10
1.5…10
1.5…10
16…8
B 6
Y
Qty.
0323100000
20
Type
Cat. No.
Qty.
r #
14/46/39
16 mm/M 6/–
–/–/35 mm2
2.5…5.0/2.0…4.0*
6…35
6…35
6…16
10…35
8…2
B 8
Y
Qty.
Qty.
0144400000 20
Type
Cat. No.
Qty.
SH 2
0494920000 10
r #
18/94/59.5
25 mm/M 8/–
–/–/70 mm2
6.0…12/2.0…4.0*
10…70
10…70
10…70
10…70
6…0
B 10
Y
Qty. W
Qty.
0213200000 20
1338300000 10
Type
Cat. No.
Qty.
SH 2
0494920000 10
a r #
18/58/67.5
16/58/60
20 mm/M 6/6.5 x 1.2
–/–/35 mm2
2.5…5.0/ **
6…16
16…50
10…35
10…35
10…2
B 9
Y
Qty. W
Qty.
0354760000 20 0661460000 20
Type
Cat. No.
Qty.
SH 2
0494920000 10
DEK 5
see “Accessories”
Y
Y
Y
a r #
12/50/57.5
12/56/50
16 mm/M 4/5.5 x 1.0
–/–/16 mm2
1.2…2.4/0.8…1.0*
2.5…16
2.5…16
2.5…16
4…16
12…6
B 6
Y
Qty. W
Qty.
0374660000 50 0190160000 50
Type
Cat. No.
Qty.
SH 2
0494920000 10
DEK 5
see “Accessories”
Y
Y
25/76/100/92
25/76/100/92
27 mm/M 10/–
–/–/95 mm2
10.0…20.0/1.2…2.4*
10…120
10…95
10…95
10…95
6…4/0
B 12
YW
Qty.
0535300000 10
0535400000 10
0235000000
W
W
W
EK 2
SAKE 35
SAKE 70
EK 35**
EK 35/35
EK 16
EK 16/35
EK 95/35
** ADm f. EK 35/35 = 1.2 - 2.4 Nm
ADm f. EK 35
= 0.8 - 1.6 Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com