Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 36 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 36 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 32Page - Weidmuller 0138000000 Datasheet HTML 33Page - Weidmuller 0138000000 Datasheet HTML 34Page - Weidmuller 0138000000 Datasheet HTML 35Page - Weidmuller 0138000000 Datasheet HTML 36Page - Weidmuller 0138000000 Datasheet HTML 37Page - Weidmuller 0138000000 Datasheet HTML 38Page - Weidmuller 0138000000 Datasheet HTML 39Page - Weidmuller 0138000000 Datasheet HTML 40Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
159
Disconnect test terminal against induced high voltage
Measures to minimize risks of electric vol-
tage peaks in control systems of power
plants and transforming stations:
• Insulation between installation and con-
trol cable by pulling disconnect plugs.
• Grounding of control cable is possible on
an appropriate location of the workplace.
• Easy connection of electric isolation of
counting, control and communication cir-
cuits.
Electricity Supply Industry Standard
ESI 12-4 1973
The Electricity Supply Industry Standard
ESI 12-4 1973 defines a detailed specifica-
tion of control and protection equipment.
The main functions of thiese installations
are as follows:
• Insulation of the control cables located in
front of ground or installation lines with
increased potential, which is required to
prevent unintentional contact of service
staff with live parts.
• Separation of control cables from local
control circuits.
• Application also includes test connec-
tions for auxiliary control circuits and / or
local control circuits.
• Grounding of control cables and / or
auxiliary control circuits.
• Bundled disconnection of all auxiliary
control circuits from potential earth.
• A test voltage can be applied using the
screening connection of the control
cable, which is normally routed on the
enclosure, with the help of an appropria-
te separation. This permits to check
whether the screening line is correctly
functioning. For this test, an insulated
feed-through plate is required.
ESI 12-4:
"Terminating Equipment for Pilot Cables
subject to Induced Transient Voltages
exceeding 650 V rms".
SAKH 6
Y
15/138/79
12 mm
15 kV ac (ESI 12-4)**/30 A
0.5...10
0.5...10*
W
Cat. No.
Qty.
PPT/35
3835020000
10
incl. disconnect plug and dis-
placement tool (if min. 10
items are ordered)
AP/PPT (3) 3835120000
10
TST/PPT
3835360000
10
PH/PPT
3835260000
10
The disconnect plug may only
be removed with the displace-
ment tool.
PS (4)
0299600000
20
StB 17
0147100000
50
TSK 35
0514300000
1
DEK 5
see “Accessories”
12 mm
1 kV ac / 1.5 kV dc / 47 A
>15 kV (from terminal to terminal)
0.5... 6
0.5... 6
W
Cat. No.
Qty.
SAKH 6
0126600000
50
AP
0131700000
20
DEK 5
see “Accessories”
PPT/35
Dimensions/approvals
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current
Rated impulse voltage/pollution severity
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Ordering data
Version
EP
End plate
EP
Disconnect plug
Displacement tool
PA
Test plug/socket
Insulated mounting rail
PVC 35 x 1.5 mm
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
* Also two push-on tabs are possible
** mounted on an insulated mounting rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com