Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 29 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 29 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 25Page - Weidmuller 0138000000 Datasheet HTML 26Page - Weidmuller 0138000000 Datasheet HTML 27Page - Weidmuller 0138000000 Datasheet HTML 28Page - Weidmuller 0138000000 Datasheet HTML 29Page - Weidmuller 0138000000 Datasheet HTML 30Page - Weidmuller 0138000000 Datasheet HTML 31Page - Weidmuller 0138000000 Datasheet HTML 32Page - Weidmuller 0138000000 Datasheet HTML 33Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
152
Feed-through terminals
Dimensions
Width/length/height (mm)
with TS 32 Y
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
With/without plastic insulating collar
mm2
Plug gauge according to IEC 60 947-1
Size
Continuous current of terminal block for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Pin
Type
Right
PA
Links
PA
Horizontal right
PA
Vertical right
PA
Vertical right
Blue PA
Vertical
PA
Vertical left
PA
DK 4 QT
bridgeable on
Right
PA
both levels
End plate/partition (thickness mm)
PA
Blue PA
Small partition
TSch 4
Cross-connection/covers
Q 3
QB 4
2-pole
3-pole
4-pole
10-pole
25-pole
Test plug/socket
Plug-test socket without using QL
StB
PS
FW/FS
Mounting rails, end brackets, further marking material see “Accessories”
* The conductor cross-section for the screw connection is reduced to 2.5 mm2 when QB is used.
** Only to be used with PA-version
1) Shock-proof with ADP4 cover profile (see section
“Accessories”)
Y
Y
YY
Horizontal
Vertical
assembly
assembly
6/50/58.5/75.5
9 mm/M 3/3.5 x 0.6
250 V/8 A/4 mm2
4 kV/3
0.5…1.0
1
0.5…4
1.5…4
0.5…4
0.5…4
A3
(Q 2…10) 32
–
–
Y
Cat. No.
Qty.
0536560000 50
13984600001)50
Type
Cat. No.
Qty.
AP (1.5)
0359260000 20
AP (DK4 QT) 1397160000 20
AP (1.5)
0359280000 20
TW (2.0)
0607000000 20
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
QB 2*
0482700000 100
QB 3*
0482800000 50
QB 4*
0482900000 50
StB 8.5 (ø 2.3) 0215700000 50
PS 2.3
0180400000 20
dekafix 6 see “Accessories”
6/50/60.5/77.5
9 mm/M 3/3.5 x 0.6
250 V/10 A/4 mm2
4 kV/3
0.5…1.0
1
0.5…4
1.5…4
0.5…4
0.5…4
A3
(Q 2…10) 32
–
–
Y
Cat. No.
Qty.
03704600001)50
03703600001)
Type
Cat. No.
Qty.
AP (1.5)
0359260000 20
AP (1.5)
0359280000 20
TW (2.0)
0607000000 20
TSch 4
0363360000100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
QB 2*
0482700000 100
QB 3*
0482800000 50
QB 4*
0482900000 50
StB 8.5 (ø 2.3) 0215700000 50
PS 2.3
0180400000 20
dekafix 6
see “Accessories”
6/50/67.5/84.5
9 mm/M 3/3.5 x 0.6
250 V/10 A/4 mm2
4 kV/3
0.5…1.0
1
0.5…4
1.5…4
0.5…4
0.5…4
A3
(Q 2…10) 32
–
–
Y
Cat. No.
Qty.
05277600001)50
Type
Cat. No.
Qty.
AP (1.5)
0359260000 20
TW (2.0)
0607000000 20
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
QB 2*
0482700000 100
QB 3*
0482800000 50
QB 4*
0482900000 50
StB 8.5 (ø 2.3) 0215700000 50
PS 2.3
0180400000 20
dekafix 6
see “Accessories”
6/42/40.5/54.5
8 mm/M 3/3.5 x 0.6
250 V/6/8 A/4 mm2
4 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A3
(QB 2…10) 10
–
–
Y
Cat. No.
Qty.
1 x 1
0587460000 100
0.8 x 2.4
0545060000 100
0.8 x 1.6
0469360000 100
Type
Cat. No.
Qty.
AP (1.5)
0211360000 20
TW (2.0)
0607000000 20
QB 2*
0482700000 100
QB 3*
0482800000 50
QB 4*
0482900000 50
QB 25 blank* 0134000000 20
DK 4 T
Pin 1 x 1
DK 4 T
Pin 0.8 x 1.6
DK 4 T
Pin 0.8 x 2.4
SAKRT
Pin 1 x 1/0.8 x 2.4
and 0.8 x 1.6
Disconnect terminals
for wrap connection
acc. to DIN 41 611, Part 2 and
for spring-clip connection
acc. to DIN 41 611, Part 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com