Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 41 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 41 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 37Page - Weidmuller 0138000000 Datasheet HTML 38Page - Weidmuller 0138000000 Datasheet HTML 39Page - Weidmuller 0138000000 Datasheet HTML 40Page - Weidmuller 0138000000 Datasheet HTML 41Page - Weidmuller 0138000000 Datasheet HTML 42Page - Weidmuller 0138000000 Datasheet HTML 43Page - Weidmuller 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
164
Feed-through terminals for TS 15
a r
5/25/45
0.8 x 1.6
7 mm/M 2.5/3.0 x 0.5
125 V/8 A/1.5 mm2
2.5 kV/3
0.4…0.7
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
0.13...2.5 / A1
24
24
300 V/10 A/26…14 AWG
300 V/10 A/24…16 AWG
Type
Cat. No.
Qty.
AKZ 1.5 T
0442560000 100
AKZ 1.5 T
0357960000 100
AKZ 1.5 W
0329460000 100
AP (1.5)
0340560000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
a
5/25/39.5
1 x 1
7 mm/M 2.5/3.0 x 0.5
125 V/8 A/1.5 mm2
2.5 kV/3
0.4…0.7
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
0.13...2.5 / A1
24
24
300 V/10 A/26…14 AWG
Type
Cat. No.
Qty.
AKZ 1.5 T
0483660000 100
AKZ 1.5 T
0357860000 100
AP (1.5)
0340560000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 15 U
Pin size
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Pin versions
0.6 x 0.6
1.0 x 1.0
0.8 x 1.6 horizont.
0.8 x 1.6 vertical
Mounting,
Mounting,
0.8 x 2.4 horizontal
horizontal
vertical
0.8 x 2.4 vertical
End plate (thickness mm)
PA
Partition (thickness mm)
PA
Small partition
Cross-connection
2-pole
3-pole
4-pole
10-pole
Q 3
Switchable cross-connection link
VL
BS
VH
Test plug/socket
StB
Plug test socket ø 2.3
PS
Marking tags
Print
DEK
Standard
*
a r
5/28/44
0.8 x 1.6
7 mm/M 2.5/3.0 x 0.5
125 V/8 A/1.5 mm2
2.5 kV/3
0.4…0.7
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
0.13...2.5 / A1
24
24
300 V/10 A/26…14 AWG
300 V/10 A/24…16 AWG
Type
Cat. No.
Qty.
AKZ 1.5 T
0400460000 100
AKZ 1.5 T
0400360000 100
AP (1.5)
0340560000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
a r
5/26/46.7
0.8 x 1.6
7 mm/M 2.5/3.0 x 0.5
125 V/10 A/2.5 mm2
2.5 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...4.0 / A3
24
24
300 V/10 A/26…14 AWG
300 V/10 A/26…10 AWG
Type
Cat. No.
Qty.
AKZ 2.5 K
0696260000 100
AP (2.5)
0697260000 50
TW (1.5)
0318560000 20
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
U
U
U
AKZ 1.5 T
AKZ 1.5 T
AKZ 1.5 T
AKZ 2.5 K
Solder connection
Spring-clip connection
acc. to DIN 41611 Part 4
Wrap connection
acc. to DIN/IEC 352 Part 1
U
* 035786 = 45 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com