Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 31 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 31 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 27Page - Weidmuller 0138000000 Datasheet HTML 28Page - Weidmuller 0138000000 Datasheet HTML 29Page - Weidmuller 0138000000 Datasheet HTML 30Page - Weidmuller 0138000000 Datasheet HTML 31Page - Weidmuller 0138000000 Datasheet HTML 32Page - Weidmuller 0138000000 Datasheet HTML 33Page - Weidmuller 0138000000 Datasheet HTML 34Page - Weidmuller 0138000000 Datasheet HTML 35Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
154
Disconnect test terminals with solder connections
r #
6.5/58/40.5/54.5 (opened)
250 V/10 A/1.5 mm2
4 kV/3
300 V/10 A/22…12 AWG
Y
Qty.
0464460000 100
Type
Cat. No.
Qty.
AP (1.5)
0211320000 20
AP (1.5)
0211360000 20
AP (1.5)
0211380000 20
TW (0.5)
0474700000 20
TW (2.0)
0607000000 20
DEK 6.5
see “Accessories”
6.5/58/40.5/54.5 (opened)
–/–/3.5 x 0.6
250 V/10 A/1.5 mm2
4 kV/3
Y
Qty. W
Qty.
0294260000
100
Type
Cat. No.
Qty.
AP (1.5)
0211320000 20
AP (1.5)
0211360000 20
AP (1.5)
0211380000 20
TW (0.5)
0474700000 20
TW (2.0)
0607000000 20
PS 2.3
0180400000 20
DEK 6.5
see “Accessories”
6.5/50/40.5/54.5 (opened)
8 mm/M 3/3.5 x 0.6
250 V/10 A/4/1.5 mm2
4 kV/3
0.5…1.0
1
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…25) 10
Y
Qty. W
Qty.
0518160000*100 0183560000 100
0572660000 100
Type
Cat. No.
Qty.
AP (1.5)
0211360000 20
AP (1.5)
0211380000 20
TW (0.5)
0474700000 20
TW (2.0)
0607000000 20
QB 2**
0482700000 100
QB 3**
0482800000 50
QB 4**
0482900000 50
QB 25 blank** 0134000000 20
PS 2.3
0180400000 20
DEK 6.5
see “Accessories”
*
Soldering lug on left-hand side
** The conductor cross-section for the screw connection is reduced to 2.5 mm2 when QB is used.
Y
W
Y
W
Y
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46228/1
With/without plastic insulating collar
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal block for conductor size
Continuous current rating of cross-connection 2 pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
Blue KrG
KrS
PA
Blue PA
KrG
KrS
PA
Blue PA
End plate/partition (thickness mm)
AP
TW
KrG
Blue KrG
PA
Blue PA
PA
HP
HP
Small partition
Cross-connection
QB 3
QB 4
2-pole
3-pole
4-pole
10-pole
25-pole
Test plug/socket
PS
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
SAKR L
With 2 StB 6
SAKR LL
SAKR LL
With 2 StB 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com