Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 12 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 12 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 8Page - Weidmuller 0138000000 Datasheet HTML 9Page - Weidmuller 0138000000 Datasheet HTML 10Page - Weidmuller 0138000000 Datasheet HTML 11Page - Weidmuller 0138000000 Datasheet HTML 12Page - Weidmuller 0138000000 Datasheet HTML 13Page - Weidmuller 0138000000 Datasheet HTML 14Page - Weidmuller 0138000000 Datasheet HTML 15Page - Weidmuller 0138000000 Datasheet HTML 16Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Feed-through terminals
135
r # u DNV
46/106/57.5
46/106/57
–/M 12/–
1000 V*/309 A/150 mm2
8 kV/3
14…31
309 A/150 mm2
(QL 2) 309
600 V/285 A/4/0 AWG
600 V/365 A/300 MCM
Y
Qty. W
Qty.
0185320000 10 0638020000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+ W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
QL 2
0247000000
5
QL 3
0444400000
5
QL 4
0444500000
5
AH 46
0326960000
5
DEK 5
see “Accessories”
a r # u
54/122/57
54/122/57
–/M 16/–
1000 V*/415 A/240 mm2
8 kV/3
25…60
415 A/240 mm2
(QL 2) 415
600 V/380 A/500 MCM
600 V/600 A/300…500 MCM
Y
Qty. W
Qty.
0170720000 10 0638120000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
QL 2
0264400000
5
QL 3
0408000000
5
QL 4
0247400000
5
DEK 5
see “Accessories”
a r # u
40/100/84
46/100/85.5
27 mm/M 10/–
1000 V*/232 A/95 mm2
8 kV/3
10…20
10…95
10…95
10…95
10…35
B 12
232 A/95 mm2
600 V/195 A/4/0 AWG
600 V/230 A/2/0…4/0 AWG
Y
Qty. W
Qty.
0286920000 10 0637620000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y + W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
AH 40
0326860000
5
DEK 5
see “Accessories”
a r # u
46/106/55
46/106/54.5
–/M 12/–
1000 V*/309 A/150 mm2
8 kV/3
14…31
309 A/150 mm2
600 V/285 A/4/0 AWG
600 V/365 A/300 MCM
Y
Qty. W
Qty.
0170620000 10 0637920000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No. Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y + W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
QL 2
0247000000
5
QL 3
0444400000
5
QL 4
0444500000
5
AH 46
0326960000
5
DEK 5
see “Accessories”
* During conductor connection, observe clearance and creepage distances. Insert partitions if necessary.
** Suitable for connection of 1 aluminium conductor of max 185 mm2
a r # u DNV
54/122/60
54/122/60
–/M 16/–
1000 V*/415 A/240 mm2
8 kV/3
25…60
415 A/240 mm2
(QL 2) 415
600 V/380 A/500 MCM
600 V/600 A/300…500 MCM
Y
Qty. W
Qty.
0185420000 10 0638220000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+ W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
QL 2
0264400000
5
QL 3
0408000000
5
QL 4
0247400000
5
DEK 5
see “Accessories”
46/112/74
23 mm/M 12/M 14/-
1000 V*/309 A/150 mm2
8 kV/3
14…31/25…40
50…240
35…185
Y
Qty. W
Qty.
1287920000** 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000
10
EP 2 (2)
0205400000
10
W
Cat. No.
Qty.
Y
Qty.
TW 2 (2)
0177100000
10
TW 2 (2)
0179900000
10
2/160/90.5
2/160/90.5
QL 2
0194000000
5
QL 3
0441500000
5
QL 4
0441600000
5
AH 46
0326960000
5
DEK 5
see “Accessories”
*** Suitable for connection of 2 aluminium conductors of max.
185 mm2
Y
W
Y
W
Y
W
Y
W
Y
W
Y
SAKG 40 III
SAKG 40/35 III
SAKG 46 II
SAKG 46/35 II
SAKG 46 II G
SAKG 46/35 II G
SAKG 54 II
SAKG 54/35 II
SAKG 54 II G
SAKG 54/35 II G
SAKG 46/I AL
SAKG 46/II AL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com