Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 33 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 33 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 29Page - Weidmuller 0138000000 Datasheet HTML 30Page - Weidmuller 0138000000 Datasheet HTML 31Page - Weidmuller 0138000000 Datasheet HTML 32Page - Weidmuller 0138000000 Datasheet HTML 33Page - Weidmuller 0138000000 Datasheet HTML 34Page - Weidmuller 0138000000 Datasheet HTML 35Page - Weidmuller 0138000000 Datasheet HTML 36Page - Weidmuller 0138000000 Datasheet HTML 37Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
156
Feed-through terminals for initiators and actuators
1
) DLI 2.5/35/10 = Block of 10 with built-in cross-connections
* only in upper busbar
Mounting rails, end brackets, further marking material see “Accessories”
W
For cross-connections for more
than 20 terminals, replace VH with
VH 4.2 (134580)
without internal thread
Snap fit, external cross-connec-
tion VQB 1.5.
Dimensions/approvals
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Standard
with diode 1N4007
with LED red (5…30 V)
with LED green (5…30 V)
with LED and diode 1N4007
with LED and diode 1N4007
Block of 101)
Block of 101)
Fuse inserts
End plate/Small partition
AP-DLI
AP-DLD
Part-AP
TSch 1
(thickness 1.5 mm)
Test plug/plug socket
StB 8.5
PS
Cross-connection
Q 3
VQB
Group marking
WT 4
Cover
HP 4
Marking tags
Print
DEK
Standard
W
W
W
a r #
6/65/49
7 mm/M 2.5/3.5 x 0.6
5–30 V-/20 A/2.5 mm2
0.8 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…10) 20
300 V/10 A/26…12 AWG
W
Best.-Nr .
Qty.
1578550000 100
1578560000 100
Type
Cat. No.
Qty.
AP
1313260000 20
TSch 1
0319160000 100
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
03324000001000
SG 10
03325000001000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r #
6/65/49
7 mm/M 2.5/3.5 x 0.6
5–30 V-/20 A/2.5 mm2
0.8 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…10) 20
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1578510000 100
1578520000 100
(LED red)
1578530000
10
(LED green) 1578540000
10
Type
Cat. No.
Qty.
AP
1313260000 20
TSch 1
0319160000 100
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
03324000001000
SG 10
03325000001000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r #
6/65/49
7 mm/M 2.5/3.5 x 0.6
250 V/20 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
20 A/2.5 mm2
(Q 2…10) 20
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1313360000 100
(w/o)
1411360000 10
(with dekafix)
1579070000
10
Type
Cat. No. Qty.
AP
1313260000
20
TSch 1
0319160000 100
StB8.5*(ø2.3)
0215700000
50
PS 2.3
0180400000
20
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50BL 1633280000
5
VQB1.5/50RT 1633290000
5
VQB1.5/50SW1635120000
5
WT 4
1341060000 100
SF 10
03324000001000
SG 10
03325000001000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
a r #
6/82/49
7 mm/M 2.5/3.5 x 0.6
250 V/24 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 20
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1317060000 50
Type
Cat. No.
Qty.
AP
1317660000 20
AP (Part-AP)1381860000 20
TSch 1
0319160000 100
StB8.5*(ø2.3) 0215700000
50
PS 2.3
0180400000
20
Q 2
1312500000
50
Q 3
1312600000
50
Q 4
1312700000
50
Q 10
1313100000
20
Q 20
1399800000
20
QL 2
0297200000 100
VH 4.2
1345800000 100
VQB1.5/50 BL
1633280000
5
VQB1.5/50RT
1633290000
5
VQB1.5/50 SW
1635120000
5
WT 4
1341060000 100
SF 10
03324000001000
SG 10
0332500000 1000
ADP
0485400000
20
HP 4
0485860000
20
DEK 6
see “Accessories”
DLI 2.5
DLI 2.5 LD PNP
DLI 2.5 LD NPN
DLD 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com