Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 37 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 37 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 33Page - Weidmuller 0138000000 Datasheet HTML 34Page - Weidmuller 0138000000 Datasheet HTML 35Page - Weidmuller 0138000000 Datasheet HTML 36Page - Weidmuller 0138000000 Datasheet HTML 37Page - Weidmuller 0138000000 Datasheet HTML 38Page - Weidmuller 0138000000 Datasheet HTML 39Page - Weidmuller 0138000000 Datasheet HTML 40Page - Weidmuller 0138000000 Datasheet HTML 41Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
1
) Length: 300 mm
* not for terminals made from PA
38.5 A / 6 mm2
a r #
60/27/30
9 mm/M 3/3.5 x 0.6
500 V/32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…4
0.5…4
0.2…6.0 / A 3
32
32
300V/27 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
for test adapter
1538260000 100
w.mk./f.test ad.1489360000
10
ATA1,10-pole 1633240000
5
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5x14
0266800000 100
AD 4
0303400000 50
BSK M 2.5x18 0303300000
100
ADP 41)
1378160000 10
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
38.5 A / 6 mm2
a r #
6/27/30
8 mm/M 3/3.5 x 0.6
400 V/32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…4
0.5…4
0.2…6.0 / A 3
32
32
300 V/27A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0294320000 100
0294360000 100
0294380000 100
(10pol./no mk.) 0359560000
10
(10pol./w.mk.) 0359660000
10
AKZ4 Wemid 9537110000 100
Type
Cat. No.
Qty.
AP (1.5)
0294420000 20
AP (1.5)
9537910000 20
AP (1.5)
0294460000 20
AP (1.5)
0294480000 20
TW (2.0)
0118900000 20
TW (0.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5x14 0266800000 100
AD 4
0303400000 50
BSK M 2.5x18 0303300000 100
ADP 41)
1378160000 10
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
160
21.5 A / 2.5 mm2
a r #
5/25/25
7 mm/M 2.5/3.0 x 0.5
250 V/17.5 A/1.5 mm2
4 kV/3
0.4…0.6
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
0.2…2.5 / A 1
24
24
150 V/15 A/22…14 AWG
300 V/10 A/24…16 AWG
U
TS 15
Cat. No.
Qty.
0340460000 100
0340480000 100
(10pol./no mk.) 0358060000
10
(10pol./w.mk.) 0358160000
10
Type
Cat. No.
Qty.
AP (1.5)
0340560000 50
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 5
0660300000 20
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
26 A / 4 mm2
a r #
5/25.5/28
7 mm/M 2.5/3.0 x 0.5
250 V/24 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…4
0.5…2.5
0.5…2.5
0.13…4.0 / A 3
24
24
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
U
TS 15
Cat. No.
Qty.
(with pin)
0697160000 100
(with pin)
0697180000 100
(without pin)
0175960000 100
AKZ 2.5 w. AP 0385860000
50
Type
Cat. No.
Qty.
AP (2.5)
0697360000 50
AP (2.5)
0697380000 50
TW (1.5)
0318560000 20
TW (1.5)
0318580000 20
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 5
0660300000 20
Q 10
0368500000 20
Marking tags can be snapped
on via cross-connection
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
Max. technical data
Dimensions/approvals
Width/length/height (mm)
with TS 15 U
Insulation stripping length/clamping screw/screwdriver blade
Rated data VDE 0611 Part 1/8.92/IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage / pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
PA
Blue PA
PA
PA
End plate (thickness mm)
KrG
Wemid
PA
Blue PA
Partition (thickness mm)
KrG
PA
Blue PA
Small partition
PA
Cross-connection
Q 2
QB 4
Switchable cross-connection link
VL
BS
VH
Cover/Profiled material for covers for finger-safety*
Test plug/socket
Plug test socket
can be used without QL
Marking tags
Print
DEK
Standard
StB
PS
K sleeve
U
U
U
AKZ 1.5
AKZ 1.5/10
AKZ 2.5
AKZ 4
AKZ 4/10
AKZ 4 Wemid
AKZ 4 for test adapter
AKZ 4/10 for test adapter
Feed-through terminals
Protective conductor terminals
Fuse terminals
Disconnect test terminals
Rail mounting TS 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com