Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 45 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 45 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 41Page - Weidmuller 0138000000 Datasheet HTML 42Page - Weidmuller 0138000000 Datasheet HTML 43Page - Weidmuller 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller 0138000000 Datasheet HTML 46Page - Weidmuller 0138000000 Datasheet HTML 47Page - Weidmuller 0138000000 Datasheet HTML 48Page - Weidmuller 0138000000 Datasheet HTML 49Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
168
Multipole terminal blocks
40/18/15.5
5 mm/M 2.5/3.5 x 0.6
500 V/24 A/2.5 mm2
6 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.2…4.0 / A 2
Type
Cat. No.
Qty.
MK 5/2 KrG 0243820000 100
Cover
D2 (for MK 5/2)0244060000 50
Cover
a r
see table below
8 mm/M 3/4.0 x 0.8
500 V/24 A/2.5 mm2
6 kV/3
0.5…0.7
2
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.2
0.2…4.0 / A 2
300 V/20 A/22…12 AWG
300 V/25 A/24…12 AWG
Type
Cat. No.
Qty.
KS 2 KrG2)
0134420000100
KS 4 KrG2)
0140320000 50
KS 6 KrG2)
0140620000 50
KS 10 KrG2) 0141620000 20
Cover
D2 (for KS 2) 0134500000100
D4 (for KS 4) 0140500000 50
D6 (for KS 6) 0140800000 50
D10 (for KS10) 0141800000 20
Marking tag cover
Dimensions
Type
a
b
KS 2
42
32
KS 4
66
56
KS 6
90
80
KS 10
138
128
ELSb 2
0143200000 50
ELSb 4
0143300000 50
ELSb 6
0143400000 50
ELSb 10
0143500000 50
ELSo 2
0142800000 50
ELSo 4
0142900000 50
ELSo 6
0143000000 50
ELSo 10
0143100000 50
a r
i #
see table below
8 mm/M 3/4.0 x 0.8
400 V/32 A/4 mm2
6 kV/3
0.5…0.7
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.33…4.0 / A 3
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Type
Cat. No.
Qty.
BK 2 KrG
0624720000 50
BK 3 KrG
0624920000 50
BK 4 KrG
0625120000 50
BK 6 KrG
0625220000 50
BK 12 KrG
0625320000 50
Dimensions
Type
a
b
BK 2
20
–
BK 3
31
11
BK 4
38
18
BK 6
52
32
BK 12
92
72.5
SN
0200100000 500
BSTb 28/2
0203600000 50
BSTb 28/3
0203800000 50
BSTb 28/4
0197300000 50
BSTb 28/6
0197500000 50
BSTb 28/12 0198800000 50
BSTo 28/2
0203500000 50
BSTo 28/3
0203700000 50
BSTo 28/4
0197200000 50
BSTo 28/6
0197400000 50
BSTo 28/12 0198700000 50
a r
see table below
9 mm/M 4/4.0 x 0.8
690 V/41 A/6 mm2
8 kV/3
1.2…2.0
4
0.5…6
1.5…6
0.5…6
0.5…4
0.5…4
0.33…6.0 / A 3
300 V/30 A/22…10 AWG
300 V/40 A/22…10 AWG
Type
Cat. No.
Qty.
MK 6/2 KrG 0620420000 50
MK 6/3 KrG 0620320000 50
MK 6/4 KrG 0620220000 20
MK 6/6 KrG 0620120000 20
Dimens. Length/attach.dim.
Type
KRG
MK 6/2
23.5
MK 6/3
36.5
13
MK 6/4
49.5
26
MK 6/6
75.5
52
BSTb 17/6
0304600000 50
Dimensions/approvals
Width/length/height (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Versions
2-pole
3-pole
4-pole
4-pole
6-pole
6-pole
8-pole
8-pole
10-pole
12-pole
12-pole
Expansion rivet
Marking strips
printed
1 …
unprinted
1
) Projecting length = 1 mm. To be considered for the last terminal in a row!
Printed on top on request
2
) Please order cover and marking strips separately.
Cover D 2
(for MK 5/2)
Cover D 4
(for KS 4)
Screw/tab connection
MK 5/2
KS 2…10
BK 2…12
MK 6/2…6/6
Mounting rails, end brackets, further marking material see “Accessories”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com