Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0138000000 Datasheet(PDF) 44 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 44 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 40Page - Weidmuller 0138000000 Datasheet HTML 41Page - Weidmuller 0138000000 Datasheet HTML 42Page - Weidmuller 0138000000 Datasheet HTML 43Page - Weidmuller 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller 0138000000 Datasheet HTML 46Page - Weidmuller 0138000000 Datasheet HTML 47Page - Weidmuller 0138000000 Datasheet HTML 48Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
167
Multipole terminal blocks
Dimensions/approvals
Width/length/height (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
2-pole
3-pole
4-pole
4-pole
6-pole
6-pole
8-pole
8-pole
10-pole
12-pole
12-pole
14-pole
16-pole
Soldering strip/expansion rivet
Marking strips
printed
1 ...
unprinted
80
103
85.5
18.5
8.5
10
a r
86/15/15
5 mm/M 2.5/3.5 x 0.6
125 V/24 A/2.5 mm2
2.5 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.2…4.0 / A 2
300 V/10 A/24…12 AWG
300 V/10 A/24…12 AWG
Type
Cat. No.
Qty.
MK 2/12 PA 0241260000 50
MF 2/12
0241760000 50
SN
0200100000 500
BSTb 28/12 0245700000 50
bottom
BSTb 28/12 0278500000 50
top
BSTo 28/12 0245600000 50
a r
88.5/13.5/12
6 mm/M 2.5/3.5 x 0.6
125 V/24 A/2.5 mm2
2.5 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.2…4.0 / A 2
150 V/25 A/22…12 AWG
300 V/10 A/24…12 AWG
Type
Cat. No. Qty.
MK 10/14 PA 0370160000 20
other numbers on request
The MK 10/14 can be
mounted with glue or with
M 3 x 12* screws through the
empty terminal point aperture
*DIN EN ISO 1207
a r
110/15/16.1
5 mm/M 2.5/3.5 x 0.6
400 V/24 A/2.5 mm2
6 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.2…4.0 / A 2
300 V/25 A/22…12 AWG
300 V/25 A/22…12 AWG
Type
Cat. No.
Qty.
MK 3/2 KrG 0273820000100
MK 3/3 KrG 0273920000 50
MK 3/4 KrG 0274020000 50
MK 3/6 KrG 0274220000 50
MK 3/8 KrG 0274420000 25
MK 3/10 KrG 0274620000 20
MK 3/12 KrG 0243520000 20
BSTb 28/12 0245900000 50
BSTb 28/8
0290200000 50
BSTb 28/6
0290000000 50
BSTb 28/4
0289800000 50
BSTo 28/12 0245800000 50
BSTo 28/8
0284700000 50
BSTo 28/6
0289500000 50
BSTo 28/4
0289300000 50
Printed on top on request
a r
103/17/16
5 mm/M 2.5/3.5 x 0.6
400 V/24 A/2.5 mm2
6 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.2…4.0 / A 2
150 V/20 A/22…12 AWG
150 V/15 A/22…12 AWG
Type
Cat. No.
Qty.
MK 4/16 KrG 0244220000 20
BSTb 28/16 0262200000 50
bottom
BSTb 28/16 0278700000 50
top
BSTo 28/16 0262100000 50
Screw connection
MK 10/14
MK 2/12
MK 3/12
MK 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com