Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 39Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
43 of 313
NXP Semiconductors
UM10601
Chapter 5: LPC800 Reduced power modes and Power Management
5.6 Register description
Table 41.
Wake-up sources for reduced power modes
Power mode
Wake-up source
Conditions
Sleep
Any interrupt
Enable interrupt in NVIC.
Deep-sleep and
Power-down
Pin interrupts
Enable pin interrupts in NVIC and STARTERP0 registers.
BOD interrupt
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable interrupt in BODCTRL register.
• BOD powered in PDSLEEPCFG register.
BOD reset
• Enable reset in BODCTRL register.
• BOD powered in PDSLEEPCFG register.
WWDT interrupt
• Enable interrupt in NVIC and STARTERP1 registers.
• WWDT running. Enable WWDT in WWDT MOD register and feed.
• Enable interrupt in WWDT MOD register.
• WDOsc powered in PDSLEEPCFG register.
WWDT reset
• WWDT running.
• Enable reset in WWDT MOD register.
• WDOsc powered in PDSLEEPCFG register.
Self Wake-up Timer
(WKT) time-out
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable low-power oscillator in the GPREG4 register in the PCON block.
• Select low-power clock for WKT clock in the WKT CTRL register.
• Start the WKT by writing a time-out value to the WKT COUNT register.
Interrupt from
USART/SPI/I2C
peripheral
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable USART/I2C/SPI interrupts.
• Provide an external clock signal to the peripheral.
• Configure the USART in synchronous slave mode and I2C and SPI in
slave mode.
Deep power-down WAKEUP pin PIO0_4 Enable the WAKEUP function in the GPREG4 register in the PMU.
WKT time-out
• Enable the low-power oscillator in the GPREG4 register in the PMU.
• Enable the low-power oscillator to keep running in Deep power-down
mode in the GPREG4 register in the PMU.
• Select low-power clock for WKT clock in the WKT CTRL register.
• Start WKT by writing a time-out value to the WKT COUNT register.
Table 42.
Register overview: PMU (base address 0x4002 0000)
Name
Access
Address
offset
Description
Reset
value
Reference
PCON
R/W
0x000
Power control register
0x0
Table 43
GPREG0
R/W
0x004
General purpose register 0
0x0
Table 44
GPREG1
R/W
0x008
General purpose register 1
0x0
Table 44
GPREG2
R/W
0x00C
General purpose register 2
0x0
Table 44
GPREG3
R/W
0x010
General purpose register 3
0x0
Table 44
DPDCTRL
R/W
0x014
Deep power-down control
register
0x0
Table 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com