| Electronic Components Datasheet Search |
|
LPC810M021FN8 Datasheet(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 Datasheet(HTML) 49 Page - NXP Semiconductors |
|
49 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 49 of 313 NXP Semiconductors UM10601 Chapter 5: LPC800 Reduced power modes and Power Management 5.7.5.2 Programming Deep-sleep mode The following steps must be performed to enter Deep-sleep mode: 1. The PD bits in the PCON register must be set to 0x1 (Table 43). 2. Select the power configuration in Deep-sleep mode in the PDSLEEPCFG (Table 35) register. 3. Select the power configuration after wake-up in the PDAWAKECFG (Table 36) register. 4. If any of the available wake-up interrupts are needed for wake-up, enable the interrupts in the interrupt wake-up registers (Table 33, Table 34) and in the NVIC. 5. Write one to the SLEEPDEEP bit in the ARM Cortex-M0 SCR register. 6. Use the ARM WFI instruction. 5.7.5.3 Wake-up from Deep-sleep mode The microcontroller can wake up from Deep-sleep mode in the following ways: • Signal on one of the eight pin interrupts selected in Table 32. Each pin interrupt must also be enabled in the STARTERP0 register (Table 33) and in the NVIC. • BOD signal, if the BOD is enabled in the PDSLEEPCFG register: – BOD interrupt using the deep-sleep interrupt wake-up register 1 (Table 34). The BOD interrupt must be enabled in the NVIC. The BOD interrupt must be selected in the BODCTRL register. – Reset from the BOD circuit. In this case, the BOD circuit must be enabled in the PDSLEEPCFG register, and the BOD reset must be enabled in the BODCTRL register (Table 28). • WWDT signal, if the watchdog oscillator is enabled in the PDSLEEPCFG register: – WWDT interrupt using the interrupt wake-up register 1 (Table 34). The WWDT interrupt must be enabled in the NVIC. The WWDT interrupt must be set in the WWDT MOD register. – Reset from the watchdog timer. The WWDT reset must be set in the WWDT MOD register. In this case, the watchdog oscillator must be running in Deep-sleep mode (see PDSLEEPCFG register), and the WDT must be enabled in the SYSAHBCLKCTRL register. • Via any of the USART blocks. See Section 15.3.2 “Configure the USART for wake-up”. • Via the I2C. See <tbd>. • Via any of the SPI blocks. See <tbd>. Remark: If the watchdog oscillator is running in Deep-sleep mode, its frequency determines the wake-up time. 5.7.6 Power-down mode In Power-down mode, the system clock to the processor is disabled as in Sleep mode. All analog blocks are powered down, except for the BOD circuit and the watchdog oscillator, which must be selected or deselected during Power-down mode in the PDSLEEPCFG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |