Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 49Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
46 of 313
NXP Semiconductors
UM10601
Chapter 5: LPC800 Reduced power modes and Power Management
5.7 Functional description
5.7.1 Power management
The LPC800 support a variety of power control features. In Active mode, when the chip is
running, power and clocks to selected peripherals can be optimized for power
consumption. In addition, there are four special modes of processor power reduction with
different peripherals running: Sleep mode, Deep-sleep mode, Power-down mode, and
Deep power-down mode.
Remark:
The Debug mode is not supported in Sleep, Deep-sleep, Power-down, or Deep
power-down modes.
3
LPOSCDPDEN
Enable the low-power oscillator in Deep power-down mode. Setting this bit
causes the low-power oscillator to remain running during Deep power-down
mode provided that bit 12 in this register is set as well.
You must set this bit for the self wake-up timer to be able to wake up the part
from Deep power-down mode.
Remark:
Do not set this bit unless you must use the self wake-up timer to wake
up from Deep power-down mode.
0
0
Disabled.
1
Enabled.
31:4
-
Data retained during Deep power-down mode.
0x0
Table 45.
Deep power down control register (DPDCTRL, address 0x4002 0014) bit description …continued
Bit
Symbol
Value
Description
Reset
value
Table 46.
Peripheral configuration in reduced power modes
Peripheral
Sleep mode
Deep-sleep
mode
Power-down
mode
Deep
power-down
mode
IRC
software configurable
on
off
off
IRC output
software configurable
off
off
off
Flash
software configurable
on
off
off
BOD
software configurable
software
configurable
software
configurable
off
PLL
software configurable
off
off
off
SysOsc
software configurable
off
off
off
WDosc/WWDT
software configurable
software
configurable
software
configurable
off
Digital peripherals
software configurable
off
off
off
WKT/low-power
oscillator
software configurable
software
configurable
software
configurable
software
configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com