| Electronic Components Datasheet Search |
|
LPC810M021FN8 Datasheet(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 Datasheet(HTML) 95 Page - NXP Semiconductors |
|
95 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 95 of 313 NXP Semiconductors UM10601 Chapter 8: LPC800 Pin interrupts/pattern match engine 13:11 CFG1 Specifies the match-contribution condition for bit slice 1. 0b000 0x0 Constant 1. This bit slice always contributes to a product term match. 0x1 Rising edge. Match occurs if a rising edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x2 Falling edge. Match occurs if a falling edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x3 Rising or falling edge. Match occurs if either a rising or falling edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x4 High level. Match (for this bit slice) occurs when there is a high level on the input specified for this bit slice in the PMSRC register. 0x5 Low level. Match occurs when there is a low level on the specified input. 0x6 Constant 0. This bit slice never contributes to a match (should be used to disable any unused bit slices) 0x7 Event. Match occurs on an event - i.e. when either a rising or falling edge is first detected on the specified input (this is a non-sticky version of option 3) 16:14 CFG2 Specifies the match-contribution condition for bit slice 2. 0b000 0x0 Constant 1. This bit slice always contributes to a product term match. 0x1 Rising edge. Match occurs if a rising edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x2 Falling edge. Match occurs if a falling edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x3 Rising or falling edge. Match occurs if either a rising or falling edge on the specified input has occurred since the last time the edge detection for this bit slice was cleared. This bit is only cleared when the PMCFG or the PMSRC registers are written to. 0x4 High level. Match (for this bit slice) occurs when there is a high level on the input specified for this bit slice in the PMSRC register. 0x5 Low level. Match occurs when there is a low level on the specified input. 0x6 Constant 0. This bit slice never contributes to a match (should be used to disable any unused bit slices) 0x7 Event. Match occurs on an event - i.e. when either a rising or falling edge is first detected on the specified input (this is a non-sticky version of option 3) Table 92. Pattern match bit slice configuration register (PMCFG, address 0x4004 C030) bit description …continued Bit Symbol Value Description Reset value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |