Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
44 of 313
NXP Semiconductors
UM10601
Chapter 5: LPC800 Reduced power modes and Power Management
5.6.1 Power control register
The power control register selects whether one of the ARM Cortex-M0 controlled
power-down modes (Sleep mode or Deep-sleep/Power-down mode) or the Deep
power-down mode is entered and provides the flags for Sleep or Deep-sleep/Power-down
modes and Deep power-down modes respectively. See <tbd> for details on how to enter
the power-down modes.
5.6.2 General purpose registers 0 to 3
The general purpose registers retain data through the Deep power-down mode when
power is still applied to the VDD pin but the chip has entered Deep power-down mode.
Only a cold boot - when all power has been completely removed from the chip - will reset
the general purpose registers.
Table 43.
Power control register (PCON, address 0x4002 0000) bit description
Bit
Symbol
Value
Description
Reset
value
2:0
PM
Power mode
000
0x0
Default. The part is in active or sleep mode.
0x1
ARM WFI will enter Deep-sleep mode.
0x2
ARM WFI will enter Power-down mode.
0x3
ARM WFI will enter Deep-power down mode (ARM
Cortex-M0 core powered-down).
3
NODPD
A 1 in this bit prevents entry to Deep power-down mode
when 0x3 is written to the PM field above, the
SLEEPDEEP bit is set, and a WFI is executed.
This bit is cleared only by power-on reset, so writing a one
to this bit locks the part in a mode in which Deep
power-down mode is blocked.
0
7:4
-
-
Reserved. Do not write ones to this bit.
0
8
SLEEPFLAG
Sleep mode flag
0
0
Read: No power-down mode entered. LPC11Uxx is in
Active mode.
Write: No effect.
1
Read: Sleep/Deep-sleep or Deep power-down mode
entered.
Write: Writing a 1 clears the SLEEPFLAG bit to 0.
10:9
-
-
Reserved. Do not write ones to this bit.
0
11
DPDFLAG
Deep power-down flag
0
0
Read: Deep power-down mode not entered.
Write: No effect.
0
1
Read: Deep power-down mode entered.
Write: Clear the Deep power-down flag.
31:12 -
-
Reserved. Do not write ones to this bit.
0
Table 44.
General purpose registers 0 to 3 (GPREG[0:3], address 0x4002 0004 (GPREG0) to
0x4002 0010 (GPREG3)) bit description
Bit
Symbol
Description
Reset
value
31:0
GPDATA
Data retained during Deep power-down mode.
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com