Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 76Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 77Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 78Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 79Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 80Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 81Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 82Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 83Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
80 of 313
NXP Semiconductors
UM10601
Chapter 7: LPC800 GPIO port
7.6.9 GPIO port toggle registers
Output bits can be toggled/inverted/complemented by writing ones to these write-only
registers, regardless of MASK registers.
7.7 Functional description
7.7.1 Reading pin state
Software can read the state of all GPIO pins except those selected for analog input or
output in the “I/O Configuration” logic. A pin does not have to be selected for GPIO in “I/O
Configuration” in order to read its state. There are several ways to read the pin state:
• The state of a single pin can be read with 7 high-order zeros from a Byte Pin register.
• The state of a single pin can be read in all bits of a byte, halfword, or word from a
Word Pin register.
• The state of multiple pins in a port can be read as a byte, halfword, or word from a
PORT register.
• The state of a selected subset of the pins in a port can be read from a Masked Port
(MPORT) register. Pins having a 1 in the port’s Mask register will read as 0 from its
MPORT register.
7.7.2 GPIO output
Each GPIO pin has an output bit in the GPIO block. These output bits are the targets of
write operations “to the pins”. Two conditions must be met in order for a pin’s output bit to
be driven onto the pin:
1. The pin must be selected for GPIO operation in the switch matrix.
2. The pin must be selected for output by a 1 in its port’s DIR register.
If either or both of these conditions is (are) not met, writing to the pin has no effect.
There are multiple ways to change GPIO output bits:
Table 76.
GPIO clear port 0 register (CLR0, address 0xA000 2280) bit description
Bit
Symbol
Description
Reset
value
Access
17:0
CLRP0
Clear output bits:
0 = No operation.
1 = Clear output bit.
NA
WO
31:18
-
Reserved.
0
-
Table 77.
GPIO toggle port 0 register (NOT0, address 0xA000 2300) bit description
Bit
Symbol Description
Reset
value
Access
17:0
NOTP0
Toggle output bits:
0 = no operation.
1 = Toggle output bit.
NA
WO
31:18 -
Reserved.
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com