Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC810M021FN8 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
11 of 313
NXP Semiconductors
UM10601
Chapter 3: LPC800 Nested Vectored Interrupt Controller (NVIC)
3
UART0_IRQ
USART0 interrupt
See Table 161 “USART Interrupt Enable read and set register
(INTENSET, address 0x4006 400C(USART0), 0x4006 800C
(USART1), 0x4006 C00C(USART2)) bit description”
4
UART1_IRQ
USART1 interrupt
Same as UART0_IRQ
5
UART2_IRQ
USART2 interrupt
Same as UART0_IRQ
6
-
Reserved
-
7
-
Reserved
-
8
I2C0_IRQ
I2C0 interrupt
See Table 175 “Interrupt Enable Clear register (INTENCLR,
address 0x4005 000C) bit description”.
9
SCT_IRQ
State configurable timer
interrupt
EVFLAG SCT event
10
MRT_IRQ
Multi-rate timer interrupt
Global MRT interrupt.
GFLAG0
GFLAG1
GFLAG2
GFLAG3
11
CMP_IRQ
Analog comparator interrupt COMPEDGE - rising, falling, or both edges can set the bit
12
WDT_IRQ
Windowed watchdog timer
interrupt
WARNINT - watchdog warning interrupt
13
BOD_IRQ
BOD interrupts
BODINTVAL - BOD interrupt level
14
FLASH_IRQ
Flash interrupt
<tbd>
15
WKT_IRQ
Self wake-up timer interrupt
ALARMFLAG
23:16
-
Reserved
-
24
PININT0_IRQ
Pin interrupt 0 or pattern
match engine slice 0
interrupt
PSTAT - pin interrupt status
25
PININT1_IRQ
Pin interrupt 1 or pattern
match engine slice 1
interrupt
PSTAT - pin interrupt status
26
PININT2_IRQ
Pin interrupt 2 or pattern
match engine slice 2
interrupt
PSTAT - pin interrupt status
27
PININT3_IRQ
Pin interrupt 3 or pattern
match engine slice 3
interrupt
PSTAT - pin interrupt status
28
PININT4_IRQ
Pin interrupt 4 or pattern
match engine slice 4
interrupt
PSTAT - pin interrupt status
Table 3.
Connection of interrupt sources to the NVIC
Interrupt
number
Name
Description
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com