Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9554CBS Datasheet HTML 1Page - NXP Semiconductors PCA9554CBS Datasheet HTML 2Page - NXP Semiconductors PCA9554CBS Datasheet HTML 3Page - NXP Semiconductors PCA9554CBS Datasheet HTML 4Page - NXP Semiconductors PCA9554CBS Datasheet HTML 5Page - NXP Semiconductors PCA9554CBS Datasheet HTML 6Page - NXP Semiconductors PCA9554CBS Datasheet HTML 7Page - NXP Semiconductors PCA9554CBS Datasheet HTML 8Page - NXP Semiconductors PCA9554CBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
2 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
2.
Features and benefits
I2C-bus to parallel port expander
Operating power supply voltage range of 1.65 V to 5.5 V
Low standby current consumption:
1.5
A (typical at 5 V V
DD)
1.0
A (typical at 3.3 V V
DD)
Schmitt-trigger action allows slow input transition and better switching noise immunity
at the SCL and SDA inputs
Vhys =0.10  VDD (typical)
5 V tolerant I/Os
Open-drain active LOW interrupt output (INT)
400 kHz Fast-mode I2C-bus
Input/output configuration register
Polarity inversion register
Internal power-on reset
Power-up with all channels configured as inputs
No glitch on power-up
Latched outputs with 25 mA drive maximum capability for directly driving LEDs
Latch-up performance exceeds 100 mA per JESD78, Class II
ESD protection exceeds JESD22
2000 V Human Body Model (A114-A)
1000 V Charged-Device Model (C101)
Packages offered: TSSOP16 and HVQFN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com