Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9554CBS Datasheet HTML 16Page - NXP Semiconductors PCA9554CBS Datasheet HTML 17Page - NXP Semiconductors PCA9554CBS Datasheet HTML 18Page - NXP Semiconductors PCA9554CBS Datasheet HTML 19Page - NXP Semiconductors PCA9554CBS Datasheet HTML 20Page - NXP Semiconductors PCA9554CBS Datasheet HTML 21Page - NXP Semiconductors PCA9554CBS Datasheet HTML 22Page - NXP Semiconductors PCA9554CBS Datasheet HTML 23Page - NXP Semiconductors PCA9554CBS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
20 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
a. VDD =1.65V
b. VDD =1.8 V
c. VDD =2.5 V
d. VDD =3.3 V
e. VDD =5.0 V
f. VDD =5.5 V
Fig 23. I/O source current versus HIGH-level output voltage
VDD − VOH (V)
0
0.6
0.4
0.2
002aah110
10
20
30
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD − VOH (V)
0
0.6
0.4
0.2
002aah111
15
25
35
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
5
10
20
30
VDD − VOH (V)
0
0.6
0.4
0.2
002aah112
20
40
60
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD − VOH (V)
0
0.6
0.4
0.2
002aah113
30
50
70
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
10
20
40
60
VDD − VOH (V)
0
0.6
0.4
0.2
002aah114
30
60
90
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C
VDD − VOH (V)
0
0.6
0.4
0.2
002aah115
30
60
90
Isource
(mA)
0
Tamb = −40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com