Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9554CBS Datasheet HTML 9Page - NXP Semiconductors PCA9554CBS Datasheet HTML 10Page - NXP Semiconductors PCA9554CBS Datasheet HTML 11Page - NXP Semiconductors PCA9554CBS Datasheet HTML 12Page - NXP Semiconductors PCA9554CBS Datasheet HTML 13Page - NXP Semiconductors PCA9554CBS Datasheet HTML 14Page - NXP Semiconductors PCA9554CBS Datasheet HTML 15Page - NXP Semiconductors PCA9554CBS Datasheet HTML 16Page - NXP Semiconductors PCA9554CBS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
13 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
[1]
Level that VDD can glitch down to with a ramp rate of 0.4 s/V, but not cause a functional disruption when tw(gl)VDD <1 s.
[2]
Glitch width that will not cause a functional disruption when
V
DD(gl) =0.5  VDD.
Glitches in the power supply can also affect the power-on reset performance of this
device. The glitch width (tw(gl)VDD) and glitch height (VDD(gl)) are dependent on each
other. The bypass capacitance, source impedance, and device impedance are factors that
affect power-on reset performance. Figure 16 and Table 10 provide more information on
how to measure these specifications.
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition
is released and all the registers and the I2C-bus/SMBus state machine are initialized to
their default states. The value of VPOR differs based on the VDD being lowered to or from
0V. Figure 17 and Table 10 provide more details on this specification.
Table 10.
Recommended supply sequencing and ramp rates
Tamb =25 C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 14
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 14
0.1
-
2000
ms
td(rst)
reset delay time
Figure 14; re-ramp time when
VDD drops to VSS
1-
-
s
Figure 15; re-ramp time when
VDD drops to VPOR(min)  50 mV
1-
-
s
V
DD(gl)
glitch supply voltage difference
Figure 16
[1] --
1.0
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 16
[2] --
10
s
VPOR(trip)
power-on reset trip voltage
falling VDD
0.7
-
-
V
rising VDD
--
1.4
V
Fig 16. Glitch width and glitch height
Fig 17. Power-on reset voltage (VPOR)
002aah331
VDD
time
tw(gl)VDD
∆VDD(gl)
002aah332
POR
time
VDD
time
VPOR (rising VDD)
VPOR (falling VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com