Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9554CBS Datasheet HTML 7Page - NXP Semiconductors PCA9554CBS Datasheet HTML 8Page - NXP Semiconductors PCA9554CBS Datasheet HTML 9Page - NXP Semiconductors PCA9554CBS Datasheet HTML 10Page - NXP Semiconductors PCA9554CBS Datasheet HTML 11Page - NXP Semiconductors PCA9554CBS Datasheet HTML 12Page - NXP Semiconductors PCA9554CBS Datasheet HTML 13Page - NXP Semiconductors PCA9554CBS Datasheet HTML 14Page - NXP Semiconductors PCA9554CBS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
11 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
8.
Application design-in information
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 11. Since the LED acts as a diode, when the LED is off the
I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes
lower than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 12 and Figure 13 show typical solutions to minimizing current consumption.
Figure 12 shows a high value resistor in parallel with the LED. Figure 13 shows VDD less
than the LED supply voltage by at least 1.2 V. However, the PCA9554B/PCA9554C needs
no external resistors due to the integrated 100 k
 pull-up resistors.
Device address is 0100 000x for this example (PCA9554B).
P0, P2, P3 configured as outputs.
P1, P4, P5 configured as inputs.
(1) External resistors are not needed due to the internal weak pull-up resistors.
Fig 11. Typical application
PCA9554B
P0
P1
SCL
SDA
VDD
(3.3 V)
MASTER
CONTROLLER
SCL
SDA
INT
P2
VDD
VDD
VSS
INT
10 kΩ
SUB-SYSTEM 1
(e.g., temp sensor)
P3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
A
B
enable
VSS
002aah128
10 kΩ
10 kΩ
2 kΩ
100 kΩ
(× 3)(1)
P4
P5
A1
A0
SUB-SYSTEM 3
(e.g., alarm system)
ALARM
VDD
P6
P7
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com