Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9554CBS Datasheet HTML 1Page - NXP Semiconductors PCA9554CBS Datasheet HTML 2Page - NXP Semiconductors PCA9554CBS Datasheet HTML 3Page - NXP Semiconductors PCA9554CBS Datasheet HTML 4Page - NXP Semiconductors PCA9554CBS Datasheet HTML 5Page - NXP Semiconductors PCA9554CBS Datasheet HTML 6Page - NXP Semiconductors PCA9554CBS Datasheet HTML 7Page - NXP Semiconductors PCA9554CBS Datasheet HTML 8Page - NXP Semiconductors PCA9554CBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
General description
The PCA9554B and PCA9554C are low-voltage 8-bit General Purpose Input/Output
(GPIO) expanders with interrupt for I2C-bus/SMBus applications. The only difference
between the PCA9554B and PCA9554C is their I2C fixed address allowing a larger
number of the same device on the I2C-bus with no chance of address conflict. NXP I/O
expanders provide a simple solution when additional I/Os are needed while keeping
interconnections to a minimum, for example, in ACPI power switches, sensors,
push buttons, LEDs, fan control, etc.
In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V allow
the PCA9554B/PCA9554C to interface with next-generation microprocessors and
microcontrollers where supply levels are dropping down to conserve power.
The PCA9554B/PCA9554C contain a register set of 8-bit Configuration, Input, Output,
and Polarity Inversion registers.
The PCA9554B is a pin-to-pin replacement for the PCA9554, while the PCA9554C
replaces the PCA9554A. Both of these devices replace other industry-standard part
numbers. More fully-featured parts PCAL9554B and PCAL9554C are also available with
Agile I/O features. See the respective data sheet for more details.
The PCA9554B/PCA9554C open-drain interrupt (INT) output is activated when any input
state differs from its corresponding Input Port register state and is used to indicate to the
system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the
PCA9554B/PCA9554C can remain a simple slave device.
The device outputs have 25 mA sink capabilities for directly driving LEDs while consuming
low device current.
The power-on reset sets the registers to their default values and initializes the device state
machine.
Three hardware pins (A0, A1, A2) select the fixed I2C-bus address and allow up to eight
devices to share the same I2C-bus/SMBus. The PCA9554B and PCA9554C differ only in
their base I2C-bus addresses permitting a total of 16 devices on the I2C-bus, minimizing
the chance for address conflict, even in the most complex system.
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with
interrupt, weak pull-up
Rev. 1 — 19 September 2012
Product data sheet


Similar Part No. - PCA9554CBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554 NXP-PCA9554 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9554 TI1-PCA9554 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results

Similar Description - PCA9554CBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9555A NXP-PCA9555A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com