Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9554CBS Datasheet HTML 10Page - NXP Semiconductors PCA9554CBS Datasheet HTML 11Page - NXP Semiconductors PCA9554CBS Datasheet HTML 12Page - NXP Semiconductors PCA9554CBS Datasheet HTML 13Page - NXP Semiconductors PCA9554CBS Datasheet HTML 14Page - NXP Semiconductors PCA9554CBS Datasheet HTML 15Page - NXP Semiconductors PCA9554CBS Datasheet HTML 16Page - NXP Semiconductors PCA9554CBS Datasheet HTML 17Page - NXP Semiconductors PCA9554CBS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
14 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
8.3 Device current consumption with internal pull-up and pull-down
resistors
The PCA9554B/PCA9554C integrates programmable pull-up and pull-down resistors to
eliminate external components when pins are configured as inputs and pull-up or
pull-down resistors are required (for example, nothing is driving the inputs to the power
supply rails. Since these pull-up and pull-down resistors are internal to the device itself,
they contribute to the current consumption of the device and must be considered in the
overall system design.
The pull-up or pull-down function is selected in registers 48h and 49h, while the resistor is
connected by the enable registers 46h and 47h. The configuration of the resistors is
shown in Figure 6.
If the resistor is configured as a pull-up, that is, connected to VDD, a current will flow from
the VDD pin through the resistor to ground when the pin is held LOW. This current will
appear as additional IDD upsetting any current consumption measurements.
In the same manner, if the resistor is configured as a pull-down and the pin is held HIGH,
current will flow from the power supply through the pin to the VSS pin. While this current
will not be measured as part of IDD, one must be mindful of the 200 mA limiting value
through VSS.
The pull-up and pull-down resistors are simple resistors and the current is linear with
voltage. The resistance specification for these devices spans from 50 k
 with a nominal
100 k
 value. Any current flow through these resistors is additive by the number of pins
held HIGH or LOW and the current can be calculated by Ohm’s law. See Figure 21 for a
graph of supply current versus the number of pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com