Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554CBS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554CBS Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9554CBS Datasheet HTML 1Page - NXP Semiconductors PCA9554CBS Datasheet HTML 2Page - NXP Semiconductors PCA9554CBS Datasheet HTML 3Page - NXP Semiconductors PCA9554CBS Datasheet HTML 4Page - NXP Semiconductors PCA9554CBS Datasheet HTML 5Page - NXP Semiconductors PCA9554CBS Datasheet HTML 6Page - NXP Semiconductors PCA9554CBS Datasheet HTML 7Page - NXP Semiconductors PCA9554CBS Datasheet HTML 8Page - NXP Semiconductors PCA9554CBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
4 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
All I/O are configured as input at power-on.
[2]
HVQFN16 package die supply ground is connected to both the VSS pin and the exposed center pad. The
VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical,
and board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the printed-circuit board in the thermal pad region.
Fig 2.
Pin configuration for TSSOP16
Fig 3.
Pin configuration for HVQFN16
VDD
SDA
SCL
INT
P7
P6
P5
P4
A0
A1
A2
P0
P1
P2
P3
VSS
PCA9554BPW
PCA9554CPW
002aah119
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
002aah120
Transparent top view
P2
P6
P1
P7
P0
INT
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
A2
PCA9554BBS
PCA9554CBS
Table 3.
Pin description
Symbol
Pin
Description
TSSOP16
HVQFN16
A0
1
15
address input 0
A1
2
16
address input 1
A2
3
1
address input 2
P0[1]
4
2
Port P input/output 0
P1[1]
5
3
Port P input/output 1
P2[1]
6
4
Port P input/output 2
P3[1]
7
5
Port P input/output 3
VSS
86[2]
supply ground
P4[1]
9
7
Port P input/output 4
P5[1]
10
8
Port P input/output 5
P6[1]
11
9
Port P input/output 6
P7[1]
12
10
Port P input/output 7
INT
13
11
interrupt output (open-drain)
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com