Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 40 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 40 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 36Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 37Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 38Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 39Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 40Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 41Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 42Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 43Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 44Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Position Sensors
HM Series
Miniature Hermetically Sealed Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
19
Characteristics: O.F. — Operating Force; R.F. — Release Force;
P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential Travel;
O.P. — Operating Position.
HM ORDER GUIDE
Operating Characteristics
Catalog
Listing
Recommended For
Electrical
Rating
Code
O.F. max.
Newtons
ounces
R.F. min.
Newtons
ounces
P.T. max.
mm
inches
O.T. min.
mm
inches
D.T. max.
mm
inches
O.P.
mm
inches
±.015 (0,38 mm)
Fig. 1
11HM1
(MS27216-5)
Most applications.
Exceeds MIL-S-8805
requirements for
shock and vibration.
K
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
13HM1
Applications requiring
gold contacts
H
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
9HM1
(MS27216-6)
Bifurcated gold
contacts
J
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
Fig. 2
2HM19-1
(MS27216-2)
MIL-S-8805
application
requirements 1 ft.
(305mm) leads
I
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
2HM19-5
(MS27216-4)
5 foot (1524mm) long
leads
I
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
Fig. 3
16HM1-1
High temperature to
500
°F (260°C) flat
spring
L
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
Fig. 4
15HM2
Operating in
temperatures to
+500°F (260°C) with
weld tab termination.
L
1,95
0,28
0,76
0,08
0,15
8,38
7
1
.030
.003
.006
.330
HM MOUNTING
A force spreading plate is recommended to reduce the
chance of product damage due to excessive mounting force.
MOUNTING PLATE
19PA137-HM
NOTICE
Torque on #2 mounting screws must be restricted to 1.5 inch
pounds max. to prevent switch damage. The force spreading
mounting plate used as shown will allow up to 2.5 inch
pounds of mounting torque.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com