Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Basic Switches
B Type Switches Performance Information
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
97
ELECTRICAL DATA CHART, cont.
Amperes
Inrush
Motor
Lamp
Inductive2
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
Sea
50,000
Catalog
Listing
(contact
gap)
Voltage
Current
Carrying
Capacity
Max.1
Resistive Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Level
Feet
VDC
BZ-2R
8
15
15
30
15
5
2.5
3
1.5
15
15
.020 in.
14
15
15
30
15
5
2.5
3
1.5
10
8
0.50 mm
30
15
6
30
15
5
2.5
3
1.5
5
2
125
15
0.4
4
4
0.8
0.8
0.4
0.4
0.05
0.03
230
15
0.2
2
2
0.4
0.4
0.2
0.2
0.03
0.02
VAC
BZ-2R
125
15
15
30
15
5
2.5
3
1.5
15
15
.020 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,50 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
VDC
BZ-3R
8
15
15
30
15
5
2.5
3
1.5
15
15
.036 in.
14
15
15
30
15
5
2.5
3
1.5
15
15
0,91 mm
30
15
10
30
15
5
2.5
3
1.5
10
5
125
15
0.6
6
6
1.2
1.2
0.6
0.6
0.1
0.05
250
15
0.3
3
3
0.6
0.6
0.3
0.3
0.05
0.03
VAC
BZ-3R
125
15
15
30
15
5
2.5
3
1.5
15
15
.036 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,91 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
4
2.5
3
1.5
15
15
VDC
BZ-7R
8
30
15
15
5
2.5
3
1.5
15
15
—
.070 in.
14
15
15
30
15
5
2.5
3
1.5
15
15
1,78 mm
30
15
15
30
15
5
2.5
3
1.5
10
7.5
125
15
0.75
7.5
7.5
1.5
1.5
0.75
0.75
0.4
0.2
250
15
0.3
3
3
0.6
0.6
0.3
0.3
0.2
0.1
VAC
BZ-7R
120
15
15
30
15
5
2.5
3
1.5
15
15
.070 in.
240
15
15
30
15
5
2.5
3
1.5
15
15
1,78 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
1 Fora86
−F (30−C) max. temperature rise at terminals, not opening or closing the load (at sea level).
2 Data established with a 75% power factor on AC loads.
TEST CONDITIONS
Switch contact life is affected by electrical conditions and other
factors, such as: temperature, humidity, airborne contamina-
tion, vibration, amount and rate of plunger travel, and cycling
rate. Our Evaluation Laboratory tests are conducted using pro-
cedures and practices common to UL and Military Specifica-
tions. The following conditions generally apply.
Temperature:
Room Ambient (70
−F, 21−C).
Humidity:
Room Ambient (50%).
AC Cycle Rate:
60 operations/minute.
DC Cycle Rate:
20 operations/minute.
On-off Time:
Equal and compatible with above cycling rates.
Power Factor (AC): Approximately 75%.
Inductance (DC):
MIL-I-81023 Inductor.
Circuit Loading:
One throw only on a SPDT switch during any test procedure. Both throws are evaluated separately.
Travel Plunger:
Full switch travel is used.
Actuation:
Linear motion.
Overtravel Force:
1 to 3 lbs. from spring-loaded actuators.
MICRO SWITCH believes that with the following voltage and
current values and under the test conditions set forth below
switch life of 100,000 closures, 95% survival can be expected. It
is a starting point for user evaluation and provides guidelines
on the switches identified. Because of the numerous electrical
conditions listed, not every current and voltage level has ac-
tually been tested on every switch and certain figures have
been extrapolated. For specific switch selection, customers
should evaluate switches under actual application conditions
or by simulating all application conditions and requirements.
The information set forth cannot substitute for the customer’s
own product evaulation. It should never be published by a cus-
tomer as a rating on their product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com