Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 84 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 84 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 80Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 81Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 82Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 83Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 84Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 85Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 86Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 87Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 88Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
Basic Switches
Accessories Standard Basics
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
65
ADJUSTABLE MOUNTING BRACKETS
8MA1 WITH SWITCH
ASSEMBLED
FEATURES
Sturdy plated steel construction
Fast, easy screwdriver adjustment
Can be used with all standard basic
switches
GENERAL INFORMATION
The operation point of a basic switch can
be regulated up to .080
′ (2 mm) by loos-
ening the locking screw, inserting a
screwdriver in the adjusting slot, and
twisting.
ORDER GUIDE
Catalog Listing
Description
8MA1
Adjustable mounting bracket, adjustment slot on the left.
8MA2
Adjustable mounting bracket, adjustment slot on the right.
MOUNTING DIMENSIONS
‘A’ Dimension for
BZ Type 3,6/.14
BA Type 7,8/.31
CONVERSION MOUNTING BRACKET
17MA1-B
17MA1-B WITH SWITCH
ASSEMBLED
FEATURES
Converts standard basic switches
from side to top mount
Corrosion resistant
Snaps into switch mounting holes—
without tools
ORDER GUIDE
Catalog Listing
Description
17MA1-B
Conversion mounting bracket.
MOUNTING DIMENSIONS
Switches are not included with bracket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com