Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 90 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 90 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 86Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 87Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 88Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 89Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 90Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 91Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 92Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 93Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 94Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Basic Switches
MT Series
Magnetic Blow-out
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
71
ORDER GUIDE
Electrical
O.F. max.
R.F. min.
P.T. max.
O.T. min.
D.T. max.
O.P.*
Data and
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Description
UL Codes
ounces
ounces
inches
inches
inches
inches
MT-4RV-A28
Straight lever
10 Amps
K
0,56
2
0,14
0.5
12,7
0.5
1,19
.047
2,16
.085
19,1
.750
Dim. Dwg. Fig. 2
MT-4RV2-A28
1.90 inch (48,3mm) lever
with hardened steel roller
10 Amps
K
0,76
2.75
0,07
0.25
8,89
0.35
0,79
.031
1,65
.065
30,2
1.188
MT-4RV22-A28
1.03 inch (26,2mm) lever
with hardened steel roller
10 Amps
K
1,25
4.5
0,28
1
5,08
.200
0,38
.015
0,89
.035
31,3
1.234
Dim. Dwg. Fig. 3
MT-4RL-A28
1.95 inch (49,5mm)
flexible leaf
10 Amps
K
3,34
12
0,28
1—
1,52
.060
max.
—
19,1
.750
Dim. Dwg. Fig. 4
MT-4RL2-A28
1.82 inch (46,2mm)
flexible leaf with hardened
steel roller
10 Amps
K
3,34
12
0,28
1—
1,52
.060
max.
—
30,2
1.188
Dim. Dwg. Fig. 5
Except where stated *
±0,76 mm
±.030 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com