Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 89 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 89 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 85Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 86Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 87Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 88Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 89Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 90Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 91Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 92Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 93Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
Basic Switches
MT Series
Magnetic Blow-out
70
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
FEATURES
Arc resistant case
Mechanical life of 100,000 operations
— 95% survival
Temperature
tolerance
to
+180°F
(82
°C)
Mounting interchangeability with Z
switches
UL recognized
GENERAL INFORMATION
MT (single-pole double-throw) magnetic
blow-out switches are designed to switch
high capacity (125 and 250 VDC) sys-
tems. An integral magnet around the con-
tact gap protects the contacts by deflect-
ing the arc. Vents between the cover and
housing allow the hot gas to escape.
These switches are designed for the con-
trol of DC motors, solenoids, etc.
AVAILABLE TERMINALS
Solder (No listing designation)
A28
6-32NC
.218 Screws
will accept up to #12 wire.
ELECTRICAL RATING
Electrical Data and
Circuitry
UL Codes
Single-pole
double-throw
unless
otherwise noted
in order guide
K
Rating established with
switch non-polarized
10 amps, 125 vac or vdc;
1/4 hp, 125 vac or vdc.
UL Code L 168
Non-polarized:
10 amps res. or 1/4 hp, 125 vdc;
3 amps max. res. 250 vdc.
Polarized*:
10 amps res. or 1/2 hp, 125 vdc;
3 amps max. res., 250 vdc.
*To polarize, connect negative side of line to common terminal. To
achieve the same effect, mount switch with brass screws, using a
non-magnetic barrier (at least 1⁄4 thick) between the switch and
mounting surface.
Characteristics: O.F. – Operating Force;
R.F. – Release Force; P.T. – Pretravel;
O.T. – Overtravel; D.T. – Differential Travel;
O.P. – Operating Position.
ORDER GUIDE
Electrical
O.F.
R.F. min.
P.T. max.
O.T. min.
D.T. max.
O.P.
Data and
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
UL Codes
ounces
ounces
inches
inches
inches
inches
MT-4R-A28
Pin plunger
SPDT
10 Amps
K
3,34-5,0
12-18
1,39
5
1,02
.04
0,13
.005
0,1-0,18
.004-.007
15,9
±0,38
.625
±.015
Dim. Dwg. Fig. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com