Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 86 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 86 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 82Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 83Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 84Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 85Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 86Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 87Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 88Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 89Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 90Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
Basic Switches
DT Series
Double-pole Double-throw
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
67
ORDER GUIDE
Electrical
O.F. max.
R.F. min.
P.T. max.
O.T. min.
D.T. max.
O.P.*
Data and
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
UL Codes
ounces
ounces
inches
inches
inches
inches
DT-2RV216-A7
Roller lever
(centered steel roller)
10 Amps
J
11,1
2.5 lbs.
1,11
4
1,02
.040
0,13
.005
0,51-0,76
.020-.030
31
1.219
Dim. Dwg. Fig. 8
DT-2RV22-A7
1.03 inch (26,2mm) roller
lever (steel roller)
10 Amps
J
2,5-3,89
9-14
0,83
3–
0,79
.031
4,95-7,75
.195-.305
30,2
±0,38
1.188
±.015
Dim. Dwg. Fig. 5
DT-2RV212-A7
Roller lever
Reversed lever position
10 Amps
J
2,5-4,17
9-15
0,42
1.5
3,3
.130
0,13
.005
1,27-2,16
.050-.085
29,4
1.156
Dim. Dwg. Fig. 7
DT-2RV23-A7
Roller lever
Reversed lever position
10 Amps
J
1,53-2,64
5.5-9.5
0,21
.75
4,45
.175
0,25
.010
2,16-3,43
.085-.135
29,4
1.156
Dim. Dwg. Fig. 6
DT-2RV2-A7
1.90 inch (48,3 mm) roller
lever (steel roller)
10 Amps
J
1,25-2,09
4.5-7.5
0,42
1.5
—
—
1,19
.047
9,27-14,4
.365-.565
31,8
1.250
Except where stated *
±0,76 mm
±.030 in.
Dim. Dwg. Fig. 4
Auxiliary actuators see page 68-69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com