Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  UX30C30C01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
Basic Switches
Subminiature/Miniature
20
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTRICAL DATA AND UL CODES
MINIATURE/SUBMINIATURE BASIC SWITCHES
Most of the switches in this section are UL recognized and CSA
certified. The current and voltage values shown are based on
test conditions specified by these agencies. Electrical life of the
switch is influenced by each application condition as well as by
voltage and current.
Circuitry
Electrical Data
Single-pole
double-throw
A 5 amps res., 3 amps ind., (sea level),
4 amps res., 2 amps ind., (50,000
feet), 28 vdc
5 amps res. or ind. 115 vac, 60 Hz.
UL/CSA rating: 5 amps, 250 vac.
Single-pole
double-throw
B 7 amps res., 4 amps ind., (sea level),
7 amps res., 2.5 amps ind., (50,000
feet), 28 vdc.
UL/CSA rating: 7 amps, 250 vac.
Single-pole
double-throw
C 3.5 amps res., 2 amps ind., (sea level),
3.5 amps res., 1.5 amps ind., (50,000
feet), 28 vdc.
UL rating: 7 amps, 250 vac.
Single-pole
double-throw
D 1 amp res., 0.5 amp ind., (sea level
and 50,000 feet), 28 vdc.
UL/CSA rating: 1 amp, 125 vac.
Single-pole
double-throw
E 3 amps res., 2 amps ind., (sea level),
28 vdc.
UL rating: 3 amps, 250 vac.
Single-pole
double-throw
F 7 amps res., 4 amps ind., 2.5 amps
lamp load, (sea level),
4 amps res., 2.5 amps ind., 2.5 amps
lamp load, (50,000 feet), 28 vdc.
7 amps res., 7 amps ind., 2 amps lamp
load, 115 vac, 60 Hz (sea level).
Single-pole
double-throw
G 2 amps res., lamp ind., (sea level)
28 vdc.
Single-pole
double-throw
H .010 amp res. and ind., (sea level).
28 vdc.
UL/CSA rating: 1 amp, 125 vac.
Single-pole
double-throw
I 7 amps res., 4 amps ind., (sea level),
28 vdc.
Single-pole
double-throw
J 5 amps res., 3 amps ind., (sea level),
5 amps res., 2.5 amps ind.,
(50,000 feet), 28 vdc.
UL rating: 5 amps, 250 vac.
Single-pole
double-throw
K UL rating:
5 amps, 125 or 250 vac.
Single-pole
double-throw
L 1 amp res., 1/2 amp ind.,
(sea level) 28 vdc.
Single-pole
double-throw
M UL rating:
11 amps and 1/4 hp, 125 or 250 vac.
Single-pole
double-throw
N 1 amp res., 0.5 amp ind., 30 vdc.
UL rating: 1 amp, 125 vac.
Single-pole
double-throw
P 1 amp res., 30 vdc.
UL rating: .1 amp, 125 vac.
Single-pole
double-throw
R 5 amps res., 3 amps ind., 2.4 amps
lamp load (sea level),
5 amps res., 2.5 amps ind., 2.4 amps
lamp load, (50,000 feet), 28 vdc.
5 amps res., 5 amps ind., 1.5 amps
lamp load, 115 vac. 60 Hz (sea level)
Circuitry
Electrical Data
Single-pole
double-throw
S UL rating:
4 amps, 250 vac.
Single-pole
double-throw
T UL/CSA rating:
11 amps and 1/3 hp, 125, 250, or 277
vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
4 amps, 125 vac ‘‘L’’ (lamp load).
TT UL/CSA rating:
10 amps and 1/3 hp, 125 or 250 vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
4 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
unless
otherwise
noted in
order guide
UU 10 amps res., 10 amps ind., (sea
level),
6 amps ind. (50,000 feet), 6 amps
motor load, 30 vdc.
U UL/CSA rating:
15.1 amps and 1/2 hp, 125 or 250 vac.
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
5 amps, 120 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
VV UL/CSA rating:
3 amps-125, 250, 277 vac;
1/10 hp-250 vac
Single-pole
double-throw
V UL/CSA rating:
10 amps and 1/4 hp, 125 or 250 vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
3 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
W 10 amps, 250 vac or 28 vdc;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc.
Single-pole
double-throw
X UL rating:
1 amp, 125 vac.
Single-pole
double-throw
Y 10 amps and 1/3 hp, 125 or 250 vac;
4 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
YY UL/CSA rating:
5 amps-125, 250, 277 vac
1/10 hp-250 vac
Two-circuit
double-break
Z 10 amps, 125 or 250 vac, or 30 vdc.
UL/CSA rating:
10 amps, 125 or 250 vac; 1/2 hp, 125
vac.
Four-circuit
double-break
Single-pole
double-throw
ZZ UL rating:
5 amps and 1/10 hp.
125 or 250 vac.
Single-pole
double-throw
AA UL rating:
20 amps, 277 vac.
1 hp, 125 vac; 2 hp, 250 vac.
Single-pole
double-throw
BB UL rating:
25 amps, 277 vac.
1 hp, 125 vac; 2 hp, 250 vac.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com