Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 48 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 48 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 44Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 45Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 46Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 47Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 48Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 49Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 50Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 51Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 52Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Basic Switches
V3 Series
Miniature
For application help: call 1-800-537-6945.
Honeywell
MICRO SWITCH Sensing and Control
33
PIN PLUNGERS
ORDER GUIDE by ascending electrical capability
Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. –
Pretravel; O.T. – Overtravel; D.T. – Differential Travel; O.P. – Operating
Position.
Electrical
R.F.
P.T.
O.T.
Data And
O.F.
min.
max.
min.
D.T.
O.P.**
Catalog
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
Recommended For
Page 20
ounces
ounces
inches
inches
inches
inches
V3-343-D8
General use. Gold
alloy crosspoint
contacts.
1 Amp
2,22
0,56
1,2
1,02
0,15-0,41
14,7
X
8 max.
2
.047
.040
.006-.016
.578
V3-2451-D8
Lowest force.
3 Amps
0,15
—
1,2
1,27
0,051-0,25
14,7
VV
.53
.047
.050
.002-.010
.578
V3-2401-D8
Lower force.
5 Amps
0,24
—
1,2
1,27
0,051-0,25
14,7
YY
.9
.047
.050
.002-.010
.578
V3-70101-D8
Most 5 amp
applications.
5 Amps
2,22
0,56
1,2
1,02
0,15-0,41
14,7
ZZ
8
2
.047
.040
.006-.016
.578
V3-1101-D8
General use.
10 Amps
0,72 max.
0,10
1,2
1,27
0,051-0,25
14,7
TT
2.6
.35
.047
.050
.002-.010
.578
V3-2101-D8
Low force.
10 Amps
0,50 max.
0,05
1,2
1,27
0,051-0,25
14,7
V
1.8
.18
.047
.050
.002-.010
.578
V3-101-D8
Higher force. Most
applications.
11 Amps
2,22
0,56
1,2
1,02
0,15-0,41
14,7
T
8 max.
2
.047
.040
.006-.016
.578
V3-1-D8
Highest force. Up to
15.1 amps load
handling with reduced
life.
15.1 Amps
1,67-3,89
1,11
1,21
1,0
0,15-0,4
14,7
U
6-14
4
.047
.040
.006-.016
.578
V3-3001-D8
High force. Up to 15.1
amps load handling.
15,1 Amps
1,47 max.
0,15
1,2
1,27
0,051-0,25
14,7
U
5.3
.53
.047
.050
.002-.010
.578
V3-2800-D9
Up to 20 amps load
handling
20 Amps
0,63 - 1,22
0,20
1,2
1,27
0,25
14,7
AA
2.3 - 4.4
0.7
.047
.050
.010 max.
.578
V3-2900-D9
Up to 25 amps load
handling
25 Amps
1,22 - 2,20
0,31
1,2
1,27
0,25
14,7
BB
4.4 - 7.9
1.1
.047
.050
.010 max
.578
Dim. Dwg. Fig. 1
V3-1001
(MS25253-1)
MIL-S-8805 application
requirements (SPDT)
10 Amps
1,67-3,89
1,11
1,2
1,02
0,15-0,41
14,7
UU
6-14
4
.047
.040
.006-.016
.578
V3-1002
(MS25253-3)
MIL-S-8805 application
requirements (SPNC)
10 Amps
1,67-3,89
1,11
1,2
1,02
0,15-0,41
14,7
UU
6-14
4
.047
.040
.006-.016
.578
V3-1003
(MS25253-2)
MIL-S-8805 application
requirements (SPNO)
10 Amps
1,67-3,89
1,11
1,2
1,02
0,15-0,41
14,7
UU
6-14
4
.047
.040
.006-.016
.578
V3-129*
Operating in
temperature to
+302°F (150°C)
11 Amps
2,22
0,56
1,2
1,02
0,15-0,41
14,7
T
8 max.
2
.047
.040
.006-.016
.578
V3-245*
Operating in
temperature to
+400°F (204°C)
10 Amps
2,78-6,95
1,67
1,2
1,02
0,15-0,41
14,7
W
10-25
6
.047
.040
.006-.016
.578
*For actuators, contact MICRO SWITCH Sales Office.
**Tolerances
±0.38
±0.15
Dim. Dwg. Fig. 2
SIMULATED
ROLLER
ORDER GUIDE
Electrical
Length of
O.F.
R.F.
P.T.
O.T.
D.T.
Data And
Lever ‘‘A’’
max.
min.
max.
min.
max.
O.P.*
Catalog
UL Code
mm
newtons newtons
mm
mm
mm
mm
Listing
Recommended For
Page 20
inches
ounces
ounces
inches
inches
inches
inches
V3L-1123-D8
General use.
10 Amps
32,6
0,39
0,05
2,54
2,03
0,76
18,5
TT
1.285
1.4
.18
.100
.080
.030
.730
V3L-2105-D8
Low force.
10 Amps
32,6
0,33
0,02
2,54
2,03
0,76
18,5
V
1.285
1.2
.07
.100
.080
.030
.730
V3L-121-D8
High force. Most
applications.
11 Amps
32,6
1,11
0,14
3,18
1,57
0,81
18,5
T
1.285
4
.5
.125
.062
.032
.730
V3L-5-D8
Highest force. Up to
15.1 amps load
handling with
reduced life.
15.1 Amps
32,6
2,22
0,28
3,18
1,57
0,81
18,5
U
1.285
8
1
.125
.062
.032
.730
V3L-3014-D8
High force. Up to
15.1 amps load
handling.
15.1 Amps
32,6
0,94
0,07
2,54
1,90
0,76
18,5
U
1.285
3.4
.25
.100
.075
.030
.730
*
±1.5 mm
±.060 in.
Dim. Dwg. Fig. 3
Obsolete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com