Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 13Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 14Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 15Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 16Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 17Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 18Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 19Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 20Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 21Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
Basic Switches
UM Series
Sealed Subminiature
16
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
IP50-SEALED
IP67-SEALED
FEATURES
Silver or gold contacts
Variety of integral actuator styles including pin
plunger, flat lever, roller lever, and simulated
roller lever
IP50 or IP67 type sealing
Choice of quick-connect, printed circuit board,
solder or leadwire termination
Form C single-pole double-throw
Temperature range:
−40° to 85°C(−40° to
185
°F)
Weight, approx.: .07 oz. (2g.) for IP50-sealed
switches; and .14 oz. (4g.) for IP67-sealed
switches, not including leadwires
UL, CSA, VDE, and SEMKO marking
designations
ELECTRICAL RATINGS (in amps)
Silver Contacts
Gold Contacts
Voltage
Resistive
Inductive
Resistive
125 VAC
2.0
2.0
0.1A
250 VAC
2.0
2.0
0.1A
30 VDC
2.0
2.0
0.1A
125 VDC
0.4
0.05
—
UL File No. E12252, CSA File LR23413M167
IP50-sealed UM switches are the same size as non-sealed UM switches on
pages 12-15. There is an elastomer seal on the switch plunger and a cover-to-
case seal. They provide a degree of protection against the entry of dust.
IP67-sealed UM switches have the plunger seal and cover-to-case seal. In
addition, their AWG #20 leadwires are molded in epoxy resin. They provide a
degree of protection against water entry during temporary immersion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com