Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 11Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 12Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 13Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 14Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Basic Switches
UX Series
Subminiature
10
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
C NO
NC
FEATURES
Compact size – helps minimize equipment size
Choice of low energy or power duty electrical ratings
Variety of integral actuators
Temperature Range: –25
° to +85°C (–13 to 185°F)
Weight: 0.5 grams (.018 oz.)
UL/CSA marking designations
Form C single-pole double-throw (SPDT) circuitry
ELECTRICAL RATINGS (in amps)
Silver Contacts
Gold Contacts
Voltage
UX40 Type
UX30 Type
UX10 Type
125 VAC*
3 A
1 A
0.1 A
30 VDC
2 A
1 A
0.1 A
6 VDC
–
–
5 mA
12 VDC
–
–
2 mA
24 VDC
–
–
1 mA
*UL/CSA rating. UL File No. E12252. UL Standard 1054.CSA file LR23413M167
ORDER GUIDE
Terminals
O.F. max.
PC Straight
R.F. min. P.T. max. O.T. min. D.T. max.
O.P
grams
Self-
g
mmmmmm
mm
Rating
Actuator
oz.
Solder
Supporting
ounces
inches
inches
inches
inches
Gold,
0.1 Amp 125 VAC
A pin plunger
75
UX10C10A01
UX10C30A01
10
0,5
0,25
0,12
5,5
± 0,2
2.65
.353
.020
.010
.005
.217
± .008
150
UX10E10A01
UX10E30A01
20
0,5
0,25
0,12
5,5
± 0,2
5.3
.705
.020
.010
.005
.217
± .008
C flat lever
25
UX10C10C01
UX10C30C01
2,5
2,1
0,55
0,50
6,8
± 1,0
.88
.088
.083
.022
.020
.268
± .039
50
UX10E10C01
UX10E30C01
5,0
2,1
0,55
0,50
6,8
± 1,0
1.76
.176
.083
.022
.020
.268
± .039
E roller lever
27
UX10C10E01
UX10C30E01
2,0
2,1
0,50
0,50
9,5
± 1,0
simulated
.95
.071
.083
.020
.020
.374
± .039
55
UX10E10E01
UX10E30E01
4,0
2,1
0,50
0,50
9,5
± 1,0
1.94
.141
.083
.020
.020
.374
± .039
Silver,
1 Amp 125 VAC
A pin plunger
75
UX30C10A01
UX30C30A01
10
0,5
0,25
0,12
5,5
± 0,2
2.65
.353
.020
.010
.005
.217
± .008
C flat lever
25
UX30C10C01
UX30C30C01
2,5
2,1
0,55
0,50
6,8
± 1,0
.88
.088
.083
.022
.020
.268
± .039
E roller lever
27
UX30C10E01
UX30C30E01
2,0
2,1
0,50
0,50
9,5
± 1,0
simulated
.95
.071
.083
.020
.020
.374
± .039
Silver,
3 Amp 125 VAC
A pin plunger
150
UX40E10A01
UX40E30A01
20
0,5
0,25
0,12
5,5
± 0,2
5.3
.705
.020
.010
.005
.217
± .008
C flat lever
50
UX40E10C01
UX40E30C01
5,0
2,1
0,55
0,50
6,8
± 1,0
1.76
.176
.083
.022
.020
.268
± .039
E roller lever
55
UX40E10E01
UX40E30E01
4,0
2,1
0,50
0,50
9,5
± 1,0
simulated
1.94
.141
.083
.020
.020
.374
± .039
OTHER TERMINATION TYPES ARE AVAILABLE
For PC right angle, change 2nd set of numbers to 50 (Example: UX10C50A01)
For PC left angle, change 2nd set of numbers to 60 (Example: UX10C60A01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com