Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UX30C30C01 Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # UX30C30C01
Description  Basic Switches
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UX30C30C01 Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button UX30C30C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 11Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 12Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 13Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 14Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 15Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 16Page - Honeywell Solid State Electronics Center UX30C30C01 Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Basic Switches
UM Series
Subminiature
12
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
C
NO
NC
FEATURES
Choice of low energy or power duty electrical
ratings
Variety of integral actuators
Temperature Range:
−25° to +85°C(−13° to
185
°F)
Weight: 2 grams (.07 oz.)
UL/CSA/VDE/SEMKO marking designations
Form C single-pole double-throw (SPDT) circui-
try
ELECTRICAL RATINGS (in amps)
UM50E
UM40B/D
UM10A/B/D/E
Silver Contacts
Silver Contacts
Gold Contacts
Voltage
Resistive
Inductive
Resistive
Inductive
Resistive
125 VAC
5
3
3
2
0.1
250 VAC
5
3
3
2
0.1
30 VDC
5
3*
3
2*
0.1
*Time constant for DC inductive loads: less than 7 msec.
UL File No. E12252, CSA File LR23413M167
ORDER GUIDE 0.1 AMP TYPE GOLD CONTACTS
O.F. max.
R.F. min. P.T. max. O.T. min. D.T. max.
O.P
Actuator
grams
Terminals
g
mmmmmm
mm
Rating
Length
oz.
Solder
.110 QC
ounces
inches
inches
inches
inches
A pin plunger
25
UM10A10A01 UM10A70A01
2
0,6
0,4
0,1
8,4
± 0,3
.88
.071
.024
.016
.004
.331
± .012
0.1 Amp
50
UM10B10A01 UM10B70A01
7,5
0,6
0,4
0,1
8,4
± 0,3
250 VAC
1.76
.265
.024
.016
.004
.331
± .012
100
UM10D10A01 UM10D70A01
15
0,6
0,4
0,1
8,4
± 0,3
3.57
.529
.024
.016
.004
.331
± .012
150
UM10E10A01 UM10E70A01
20
0,6
0,4
0,1
8,4
± 0,3
5.3
.705
.024
.016
.004
.331
± .012
B flat lever
10
UM10A10B01 UM10A70B01
0,4
2,5
0,8
0,5
8,8
± 0,8
18mm
.35
.014
.098
.031
.020
.346
± .031
20
UM10B10B01 UM10B70B01
1,7
2,5
0,8
0,5
8,8
± 0,8
.7
.060
.098
.031
.020
.346
± .031
40
UM10D10B01 UM10D70B01
3,5
2,5
0,8
0,5
8,8
± 0,8
1.4
.123
.098
.031
.020
.346
± .031
60
UM10E10B01 UM10E70B01
4,0
2,5
0,8
0,5
8,8
± 0,8
2.1
.141
.098
.031
.020
.346
± .031
C flat lever
8
UM10A10C01 UM10A70C01
0,35
2,8
1,2
0,8
8,8
± 0,8
20mm
.28
.012
.110
.047
.031
.346
± .031
16
UM10B10C01 UM10B70C01
1,5
2,8
1,2
0,8
8,8
± 0,8
.56
.053
.110
.047
.031
.346
± .031
35
UM10D10C01 UM10D70C01
3,0
2,8
1,2
0,8
8,8
± 0,8
1.23
.106
.110
.047
.031
.346
± .031
55
UM10E10C01 UM10E70C01
3,5
2,8
1,2
0,8
8,8
± 0,8
2
.123
.110
.047
.031
.346
± .031
D flat lever
12
UM10B10D01 UM10B70D01
1,2
3,5
1,6
1,0
8,8
± 1,2
26mm
.4
.042
.138
.063
.039
.346
± .047
25
UM10D10D01 UM10D70D01
2,5
3,5
1,6
1,0
8,8
± 1,2
.88
.088
.138
.063
.039
.346
± .047
45
UM10E10D01 UM10E70D01
3,0
3,5
1,6
1,0
8,8
± 1,2
1.6
.106
.138
.063
.039
.346
± .047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com