Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08GR Datasheet(PDF) 212 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 208Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 209Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 210Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 211Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 212Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 213Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 214Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 215Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 408 page
background image
Input/Output Ports (I/O)
Technical Data
MC68HC908GR8 — Rev 4.0
212
Input/Output Ports (I/O)
MOTOROLA
16.3.3 Port A Input Pullup Enable Register
The port A input pullup enable register (PTAPUE) contains a software
configurable pullup device for each of the four port A pins. Each bit is
individually configurable and requires that the data direction register,
DDRA, bit be configured as an input. Each pullup is automatically and
dynamically disabled when a port bit’s DDRA is configured for output
mode.
PTAPUE3–PTAPUE0 — Port A Input Pullup Enable Bits
These writeable bits are software programmable to enable pullup
devices on an input port bit.
1 = Corresponding port A pin configured to have internal pullup
0 = Corresponding port A pin has internal pullup disconnected
Address:
$000D
Bit 7
654321
Bit 0
Read:
0000
PTAPUE3 PTAPUE2 PTAPUE1 PTAPUE0
Write:
Reset:
00000000
Figure 16-5. Port A Input Pullup Enable Register (PTAPUE)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com