Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 11 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 11 Page - ams AG

Back Button AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG AS1130 Datasheet HTML 10Page - ams AG AS1130 Datasheet HTML 11Page - ams AG AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
10 - 38
AS1130
Datasheet - D e t a i l e d D e s c r i p t i o n
I²C Interface
The AS1130 supports the I²C serial bus and data transmission protocol in fast mode at 1MHz. The AS1130 operates as a slave on the I²C bus.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START and
STOP conditions. Connections to the bus are made via the open-drain I/O pins SCL and SDA.
Figure 17. I²C Interface Initialization
Figure 18. Bus Protocol
The bus protocol (as shown in Figure 18) is defined as:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is
HIGH will be interpreted as control signals.
The bus conditions are defined as:
- Bus Not Busy. Data and clock lines remain HIGH.
- Start Data Transfer. A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
- Stop Data Transfer. A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
- Data Valid. The state of the data line represents valid data, when, after a START condition, the data line is stable for the duration of the
HIGH period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and termi-
nated with a STOP condition. The number of data bytes transferred between START and STOP conditions is not limited and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a ninth-bit. Within the I²C bus speci-
fications a high-speed mode (3.4MHz clock rate) is defined.
- Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The mas-
ter device must generate an extra clock pulse that is associated with this acknowledge bit. A device that acknowledges must pull down the
SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge
clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by not generat-
ing an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to
enable the master to generate the STOP condition.
- Figure 18 on page 10 details how data transfer is accomplished on the I²C bus. Depending upon the state of the R/W bit, two types of
data transfer are possible:
1
9
8
1
9
8
1
0
AD2
1
0
AD1 AD0 R/W
D15 D14 D13 D12 D11 D10
D9
D8
AD2, AD1 and AD0 are defined by the pin ADDR
(see I²C Device Address Byte on page 12)
SCL
SDA
SDI
SCL
Slave Address
R/W
Direction Bit
START
1
2
6
7
8
9
1
2
3-7
8
9
ACK
MSB
Repeat if More Bytes Transferred
STOP or
Repeated
START
ACK from
Receiver
ACK from
Receiver
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com