Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 3 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 3 Page - ams AG

  AS1130 Datasheet HTML 1Page - ams AG AS1130 Datasheet HTML 2Page - ams AG AS1130 Datasheet HTML 3Page - ams AG AS1130 Datasheet HTML 4Page - ams AG AS1130 Datasheet HTML 5Page - ams AG AS1130 Datasheet HTML 6Page - ams AG AS1130 Datasheet HTML 7Page - ams AG AS1130 Datasheet HTML 8Page - ams AG AS1130 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
2 - 38
AS1130
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
20-pin WL-CSP
28-pin SSOP
A3
1, 7, 14, 22, 28
GND
Ground
C3
13
RSTN
Reset Input. Pull this pin to logic low to reset all control registers (set to default
values). For normal operation pull this pin to VDD.
D1
17
ADDR
I²C Address. Connect to external resistor for I²C address selection. Up to 8
devices can be connected on one bus. (see Table 6 on page 12)
D2
16
SDA
Serial-Data I/O. Open drain digital I/O I²C data pin.
D3
15
SCL
Serial-Clock Input
B3
3, 10, 18, 19, 26
VDD
Positive Supply Voltage. Connect to a +2.7V to +5.5V supply. Bypass this pin
with 10 F capacitance to GND.
D4
12
SYNC
Synchronization Clock Input or Output. The SYNC frequency for Input and
Output is 1MHz. For SYNC_OUT the frequency can be reduced to 32kHz.
D5
11
IRQ
Interrupt Request. Programmable Open drain digital Output. It can be set via
an register after which event (Interface Timeout, POK, CP_Request, Error
Detection, End of Frame or End of Movie) the pin triggers an Interrupt Request.
A1, A2, A4, A5,
B1, B2, B4, B5,
C1, C2, C4, C5
25, 27, 2, 4,
23, 24, 5, 6,
21, 20, 9, 8
CS0, CS1, CS6, CS7,
CS2, CS3, CS8, CS9,
CS4, CS5, CS10, CS11
Sinks and Sources for 132 LEDs.
20-pin WL-CSP
28-pin SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com