Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 14 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 14 Page - ams AG

Back Button AS1130 Datasheet HTML 10Page - ams AG AS1130 Datasheet HTML 11Page - ams AG AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
13 - 38
AS1130
Datasheet - D e t a i l e d D e s c r i p t i o n
Initial Power-Up
On initial power-up, the AS1130 registers are reset to their default values, the display is blanked, and the device goes into shutdown mode. At
this time, all registers should be programmed for normal operation. To bring the device into normal operation the following sequence needs to be
performed.
Start-up sequence:
- Power-up the AS1130 (connect VDD to a source), the devices is in shutdown;
- After 5ms the address of the AS1130 is valid and the first I²C command can be send.
- Define RAM Configuration; bit mem_conf in the AS1130 Config Register (see Table 20 on page 25)
- On/Off Frames
- Blink & PWM Sets
- Dot Correction, if specified
- Define Control Register (see Table 13 on page 20)
- Current Source
- Display options
- Display picture / play movie
- To light up the LEDs set the shdn bit to ‘1’ for normal operation mode (see Table 23 on page 26).
Shutdown Mode
The AS1130 device features two different shutdown modes. A software shutdown via shutdown register (see Shutdown & Open/Short
Register Format on page 26)
and a hardware shutdown via the RSTN pin.
The software shutdown disables all LED’s and stops the internal operation of the logic. A shutdown mode via the RSTN pin additionally powers
down the power-on-reset (POR) of the device. In this shutdown mode the AS1130 consumes only 100nA (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com