Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 27 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 27 Page - ams AG

Back Button AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG AS1130 Datasheet HTML 25Page - ams AG AS1130 Datasheet HTML 26Page - ams AG AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG AS1130 Datasheet HTML 30Page - ams AG AS1130 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
26 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Interrupt Frame Definition Register (0x08)
Per default this register is set to 0x3F.
Shutdown & Open/Short Register (0x09)
Per default this register is set to 0x02.
4
overtemp
0
R/W
IRQ pin triggers if the over temperature limit is reached
0: disabled
1: enabled
3
low_vdd
0
R/W
IRQ pin triggers if VDD is to low for used LEDs (low_VDD flag)
0: disabled
1: enabled
2
open_err
0
R/W
IRQ pin triggers if an error on the open test occurs
0: disabled
1: enabled
1
short_err
0
R/W
IRQ pin triggers if an error on the short test occurs
0: disabled
1: enabled
0
movie_fin
0
R/W
IRQ pin triggers if a movie is finished
0: disabled
1: enabled
Table 22. Interrupt Frame Definition Register Format
0x08 Interrupt Frame Definition Register
Bit
Bit Name
Default
Access
Bit Description
7:6
-
00
n/a
5:0
last_frame
111111
R/W
After this frame is displayed the last time (depending on the number of loops
played in a movie) an interrupt will be triggered.
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
..................
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35
Table 23. Shutdown & Open/Short Register Format
0x09 Shutdown & Open/Short Register
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4
test_all
0
R/W
The LED open/short test is performed on all LED locations
0: disabled
1: enabled
Table 21. Interrupt Mask Register Format
0x07 Interrupt Mask Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com