Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 17 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 17 Page - ams AG

Back Button AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG AS1130 Datasheet HTML 19Page - ams AG AS1130 Datasheet HTML 20Page - ams AG AS1130 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
16 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
The Blink & PWM sets contain blink on/off and the digital PWM information for each LED in the matrix. The number of PWM datasets is flexible
according to the defined RAM configuration (see Figure 8 on page 14).
In the blink register (see Table 10) every single LED can be set to blink. The blink period is set in the display option register (see Display
Option Register Format on page 24)
.
3
0x06
0
0
0
0
0
1
1
0
LED
37
LED
36
LED
35
LED
34
LED
33
LED
32
LED
31
LED
30
0x07
0
0
0
0
0
1
1
1
X
X
X
X
X
LED
3A
LED
39
LED
38
4
0x08
0
0
0
0
1
0
0
0
LED
47
LED
46
LED
45
LED
44
LED
43
LED
42
LED
41
LED
40
0x09
0
0
0
0
1
0
0
1
X
X
X
X
X
LED
4A
LED
49
LED
48
5
0x0A
0
0
0
0
1
0
1
0
LED
57
LED
56
LED
55
LED
54
LED
53
LED
52
LED
51
LED
50
0x0B
0
0
0
0
1
0
1
1
X
X
X
X
X
LED
5A
LED
59
LED
58
6
0x0C
0
0
0
0
1
1
0
0
LED
67
LED
66
LED
65
LED
64
LED
63
LED
62
LED
61
LED
60
0x0D
0
0
0
0
1
1
0
1
X
X
X
X
X
LED
6A
LED
69
LED
68
7
0x0E
0
0
0
0
1
1
1
0
LED
77
LED
76
LED
75
LED
74
LED
73
LED
72
LED
71
LED
70
0x0F
0
0
0
0
1
1
1
1
X
X
X
X
X
LED
7A
LED
79
LED
78
8
0x10
0
0
0
1
0
0
0
0
LED
87
LED
86
LED
85
LED
84
LED
83
LED
82
LED
81
LED
80
0x11
0
0
0
1
0
0
0
1
X
X
X
X
X
LED
8A
LED
89
LED
88
9
0x12
0
0
0
1
0
0
1
0
LED
97
LED
96
LED
95
LED
94
LED
93
LED
92
LED
91
LED
90
0x13
0
0
0
1
0
0
1
1
X
X
X
X
X
LED
9A
LED
99
LED
98
A
0x14
0
0
0
1
0
1
0
0
LED
A7
LED
A6
LED
A5
LED
A4
LED
A3
LED
A2
LED
A1
LED
A0
0x15
0
0
0
1
0
1
0
1
X
X
X
X
X
LED
AA
LED
A9
LED
A8
B
0x16
0
0
0
1
0
1
1
0
LED
B7
LED
B6
LED
B5
LED
B4
LED
B3
LED
B2
LED
B1
LED
B0
0x17
0
0
0
1
0
1
1
1
X
X
X
X
X
LED
BA
LED
B9
LED
B8
Table 10. LEDs Blink Frame Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0x00
0
0
0
0
0
0
0
0
LED
07
LED
06
LED
05
LED
04
LED
03
LED
02
LED
01
LED
00
0x01
0
0
0
0
0
0
0
1
X
X
X
X
X
LED
0A
LED
09
LED
08
1
0x02
0
0
0
0
0
0
1
0
LED
17
LED
16
LED
15
LED
14
LED
13
LED
12
LED
11
LED
10
0x03
0
0
0
0
0
0
1
1
X
X
X
X
X
LED
1A
LED
19
LED
18
Table 9. LEDs On/Off Frame Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com