Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 16 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 16 Page - ams AG

Back Button AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG AS1130 Datasheet HTML 19Page - ams AG AS1130 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
15 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
12x11 LED Matrix
The AS1130 is configured to control one big LED matrix.
Figure 24. AS1130 - Dot Matrix Structure
In Table 9 it’s described which databit represents which LED in the matrix. Per default all databits are ‘0’, meaning no LED is on. A ‘1’ puts the
LED on.
Each Current Segment of the LED Matrix consists of 11 LEDs, therefore 2 bytes of data are required for one Current Segment. CS0 is defined by
the two bytes with address 0x00 and 0x01 and also includes the address of the used Blink & PWM dataset for this frame.
Table 9. LEDs On/Off Frame Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0x00
0
0
0
0
0
0
0
0
LED
07
LED
06
LED
05
LED
04
LED
03
LED
02
LED
01
LED
00
0x01
0
0
0
0
0
0
0
1
PWM
[2]
PWM
[1]
PWM
[0]
X
X
LED
0A
LED
09
LED
08
1
0x02
0
0
0
0
0
0
1
0
LED
17
LED
16
LED
15
LED
14
LED
13
LED
12
LED
11
LED
10
0x03
0
0
0
0
0
0
1
1
X
X
X
X
X
LED
1A
LED
19
LED
18
2
0x04
0
0
0
0
0
1
0
0
LED
27
LED
26
LED
25
LED
24
LED
23
LED
22
LED
21
LED
20
0x05
0
0
0
0
0
1
0
1
X
X
X
X
X
LED
2A
LED
29
LED
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com