Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 24 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 24 Page - ams AG

Back Button AS1130 Datasheet HTML 20Page - ams AG AS1130 Datasheet HTML 21Page - ams AG AS1130 Datasheet HTML 22Page - ams AG AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG AS1130 Datasheet HTML 25Page - ams AG AS1130 Datasheet HTML 26Page - ams AG AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
23 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Frame Time/Scroll Register (0x03)
Every single frame in a movie is displayed for a certain time before the next frame is displayed. This time can be set within this register with 4
bits. The stated values in Table 17 are typical values.
Also the scroll options are set within this register. Per default this register is set to 0x00.
Table 17. Frame Time/Scroll Register Format
0x03 Frame Time/Scroll Register
Bit
Bit Name
Default
Access
Bit Description
7
frame_fad
0
R/W
Fade Frame Option (not available in 5 LED block configuration)
0: no fading
1: fading of a Frame
6
scroll_dir
0
R/W
Scroll Direction
0: scroll to right
1: scroll to left
5
block_size
0
R/W
Define block size for scrolling
0: scroll in full matrix
1: scroll in 5 LED blocks (current sources split in 2 sections, See Scroll
Function on page 31)
4
Enable Scrolling
0
R/W
Scroll digits at play movie
0: no scrolling
1: scrolling digits at play movie
3:0
frame_delay
0000
R/W
Delay between frame change in a movie
0000: play frame only one time
0001: 32.5ms
0010: 65ms
0011: 97.5ms
0100: 130ms
0101: 162.5ms
0110: 195ms
0111: 227.5ms
1000: 260ms
1001: 292.5ms
1010: 325ms
1011: 357.5ms
1100: 390ms
1101: 422.5ms
1110: 455ms
1111: 487.5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com