Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 25 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 25 Page - ams AG

Back Button AS1130 Datasheet HTML 21Page - ams AG AS1130 Datasheet HTML 22Page - ams AG AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG AS1130 Datasheet HTML 25Page - ams AG AS1130 Datasheet HTML 26Page - ams AG AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
24 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Display Option Register (0x04)
In this register the number of loops in a movie are defined. With the scan-limit it can be controlled how many digits are displayed in each matrix.
When all 12 digits in the matrix are displayed, the display scan rate is 430Hz (typ.). If the number of digits to display is reduced, the update fre-
quency is increased. Per default this register is set to 0x20.
Note:
To stop a movie in play endless mode, bits D7:D5 have to be set to a value between 000 to 110.
Current Source Register (0x05)
Within this registers the current for every single LED can be set from 0mA to 30mA in 255 steps (8 bits). Per default this register is set to 0x00.
Table 18. Display Option Register Format
0x04 Display Option Register
Bit
Bit Name
Default
Access
Bit Description
7:5
loops
001
R/W
Number of loops played in one movie
000: not valid
001: 1 loop
010: 2 loops
011: 3 loops
100: 4 loops
101: 5 loops
110: 6 loops
111: play movie endless (needs to be reset to 0-6 to stop movie); for scroll
endless set bit end_last = ‘0’
4
blink_freq
0
R/W
Blink period
0: 1.5s
1: 3s
3:0
scan_limit
0000
R/W
Number of displayed segments in one frame (scan-limit)
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0110: CS0 to CS6
0111: CS0 to CS7
1000: CS0 to CS8
1001: CS0 to CS9
1010: CS0 to CS10
1011: CS0 to CS11
Table 19. Current Source Register Format
0x05 Current Source Register
Bit
Bit Name
Default
Access
Bit Description
7:0
current
00000000
R/W
00000000: 0mA
..........
11111111: 30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com