Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 26 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 26 Page - ams AG

Back Button AS1130 Datasheet HTML 22Page - ams AG AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG AS1130 Datasheet HTML 25Page - ams AG AS1130 Datasheet HTML 26Page - ams AG AS1130 Datasheet HTML 27Page - ams AG AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG AS1130 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
25 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
AS1130 Config Register (0x06)
Per default this register is set to 0x00.
Interrupt Mask Register (0x07)
Per default this register is set to 0x20.
Table 20. AS1130 Config Register Format
0x06 AS1130 Config Register
Bit
Bit Name
Default
Access
Bit Description
7
low_vdd_rst
0
R/W
0: at the end of a movie or a display picture the “low_VDD” flag is not
changed
1: at the end of a movie or a display picture, the “low_VDD” flag is set to “0”
6
low_vdd_stat
0
R/W
This bit indicates the supply status
0: if low_VDD is detected, the Interrupt Status Register will be updated
accordingly and pin IRQ is triggered.
1: the low_VDD bit is directly mapped to the pin IRQ. This can be used to
control an external DC/DC Converter or Charge Pump. In this case pin IRQ
can’t be used for interrupt functionality, the Interrupt Status REgister will be
updated accordingly.
5
led_error_correction
0
R/W
This bit defines the LED open handling
0: open LEDs which are detected at LED open test, are NOT disabled
1: open LEDs which are detected at LED open test, are disabled
4
dot_corr
0
R/W
Analog current DotCorrection
1
0: disabled
1: enabled
1. This configuration is locked after the first write access to ON/OFF, PWM od DotCorrection data section. Unlock can be performed only by
a reset of the device.
3
common_addr
0
R/W
I²C Common Address
0: disabled
1: enabled (all AS1130 are reacting on the same address “0111111”)
2:0
mem_conf
000
R/W
Define Memory Configuration
1
(see Table 8 on page 14)
000: Invalid Configuration (default value)
001: RAM Configuration 1
010: RAM Configuration 2
011: RAM Configuration 3
100: RAM Configuration 4
101: RAM Configuration 5
110: RAM Configuration 6
Table 21. Interrupt Mask Register Format
0x07 Interrupt Mask Register
Bit
Bit Name
Default
Access
Bit Description
7
selected_pic
0
R/W
IRQ pin triggers if defined Frame is displayed (see Interrupt Frame
Definition Register (0x08) on page 26)
0: disabled
1: enabled
6
watchdog
0
R/W
IRQ pin triggers if the I²C watchdog triggers
0: disabled
1: enabled
5
por
1
R/W
IRQ pin triggers if POR is active
0: disabled
1: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com