Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 15 Page - ams AG

Part # AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Datasheet(HTML) 15 Page - ams AG

Back Button AS1130 Datasheet HTML 11Page - ams AG AS1130 Datasheet HTML 12Page - ams AG AS1130 Datasheet HTML 13Page - ams AG AS1130 Datasheet HTML 14Page - ams AG AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG AS1130 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
14 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
9 Register Description
Register Selection
Within this register the access to one of the RAM sections, the Dot Correction or to the Control register is selected. After one section is selected
this section is valid as long as an other section is selected.
Data Definition of the single frames
One frame consists of 2 datasets, the On/Off dataset and the Blink & PWM dataset. Where more On/Off frames can be linked to one PWM set.
Depending on the used PWM sets more or less On/Off frames can be stored inside the AS1130 (see Table 8).
Each On/Off Frame needs to define the used Blink & PWM dataset.
It’s necessary to define the RAM configuration before data can be written to the frame datasets. The RAM configuration is defined in the AS1130
config register (see Table 20 on page 25) via bit 2:0 and bit 4 for Dot Correction.
Note:
After a first write of data to the frames, the configuration is locked in the AS1130 config register and can be changed only after a reset
of the device. A change of the RAM configuration requires to re-write the frame datasets.
Table 7. Register Selection Address Map
Register Section
Address
Data
Description
HEX A7 A6 A5 A4 A3 A2 A1 A0 HEX D7 D6 D5 D4 D3 D2 D1 D0
NOP
0xFD
1
1
1
1
1
1
0
1
0x00
0
0
0
0
0
0
0
0
No operation
On/Off Frame 0
0x01
0
0
0
0
0
0
0
1
On/Off Information for
each Frame (up to 36
Frames)
On/Off Frame 1
0x02
0
0
0
0
0
0
1
0
On/Off Frame 2
0x03
0
0
0
0
0
0
1
1
....
.....
On/Off Frame 34
0x23
0
0
1
0
0
0
1
1
On/Off Frame 35
0x24
0
0
1
0
0
1
0
0
Blink & PWM Set 0
0x40
0
1
0
0
0
0
0
0
Blink & PWM
Information Sets (up to
6 sets)
Blink & PWM Set 1
0x41
0
1
0
0
0
0
0
1
Blink & PWM Set 2
0x42
0
1
0
0
0
0
1
0
Blink & PWM Set 3
0x43
0
1
0
0
0
0
1
1
Blink & PWM Set 4
0x44
0
1
0
0
0
1
0
0
Blink & PWM Set 5
0x45
0
1
0
0
0
1
0
1
Dot Correction
0x80
1
0
0
0
0
0
0
0
Selection of Dot
Correction Register
Control Register
0xC0
1
1
0
0
0
0
0
0
Selection of
Control Register
Table 8. RAM Configuration
RAM Configuration Blink & PWM Sets
On/Off Frames
On/Off Frames
with Dot Correction
1
1
36
35
2
2
30
29
3
3
24
23
4
4
18
17
5
5
12
11
6
6
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com