Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 11 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 11 Page - ams AG

Back Button TCS3772 Datasheet HTML 7Page - ams AG TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG TCS3772 Datasheet HTML 10Page - ams AG TCS3772 Datasheet HTML 11Page - ams AG TCS3772 Datasheet HTML 12Page - ams AG TCS3772 Datasheet HTML 13Page - ams AG TCS3772 Datasheet HTML 14Page - ams AG TCS3772 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
RGBC Operation
The RGBC engine contains RGBC gain control (AGAIN) and four integrating analog-to-digital converters (ADC)
for the RGBC photodiodes. The RGBC integration time (ATIME) impacts both the resolution and the sensitivity
of the RGBC reading. Integration of all four channels occurs simultaneously and upon completion of the
conversion cycle, the results are transferred to the color data registers. This data is also referred to as channel
count. The transfers are double-buffered to ensure that invalid data is not read during the transfer. After the
transfer, the device automatically moves to the next state in accordance with the configured state machine.
AGAIN(r 0x0F, b1:0)
1
y, 4y, 16y, 60y Gain
CDATAH(r 0x15), CDATA(r 0x14)
Clear ADC
Red ADC
Green ADC
Blue ADC
Clear Data
Red Data
Green Data
Blue Data
RGBC Control
Blue
Green
Red
Clear
RDATAH(r 0x17), RDATA(r 0x16)
GDATAH(r 0x19), GDATA(r 0x18)
BDATAH(r 0x1B), BDATA(r 0x1A)
ATIME(r0x01)
2.4 ms to 700 ms
Figure 10. RGBC Operation
The registers for programming the integration and wait times are a 2’s compliment values. The actual time can
be calculated as follows:
ATIME = 256 − Integration Time / 2.4 ms
Inversely, the time can be calculated from the register value as follows:
Integration Time = 2.4 ms
× (256 − ATIME)
For example, if a 100-ms integration time is needed, the device needs to be programmed to:
256 − (100 / 2.4) = 256 − 42 = 214 = 0xD6
Conversely, the programmed value of 0xC0 would correspond to:
(256 − 0xC0)
× 2.4 = 64 × 2.4 = 154 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com