Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 5 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 5 Page - ams AG

  TCS3772 Datasheet HTML 1Page - ams AG TCS3772 Datasheet HTML 2Page - ams AG TCS3772 Datasheet HTML 3Page - ams AG TCS3772 Datasheet HTML 4Page - ams AG TCS3772 Datasheet HTML 5Page - ams AG TCS3772 Datasheet HTML 6Page - ams AG TCS3772 Datasheet HTML 7Page - ams AG TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
4
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active — LDR pulses off
235
330
IDD
Supply current
Wait state
65
μA
IDD
Supply current
Sleep state — no I2C activity
2.5
10
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
I LEAK
Leakage current, LDR pin
−5
5
μA
V
SCL SDA input high voltage
TCS37721 & TCS37725
0.7 VDD
V
VIH
SCL, SDA input high voltage
TCS37723 & TCS37727
1.25
V
V
SCL SDA input low voltage
TCS37721 & TCS37725
0.3 VDD
V
VIL
SCL, SDA input low voltage
TCS37723 & TCS37727
0.54
V
Optical Characteristics, VDD = 3 V, TA = 255C, AGAIN = 16y, ATIME = 0xF6 (unless otherwise noted)
(Note 1)
PARAMETER
TEST
Red Channel
Green Channel
Blue Channel
Clear Channel
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
λD = 465 nm
Note 2
0%
15%
10%
42%
65%
88%
11.0
13.8
16.6
Re
Irradiance
responsivity
λD = 525 nm
Note 3
4%
25%
60%
85%
10%
45%
13.2
16.6
20.0
counts/
μW/
cm2
responsivity
λD = 615 nm
Note 4
80%
110%
0%
14%
5%
24%
15.6
19.5
23.4
cm2
NOTES: 1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
3. The 525 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
4. The 615 nm input irradiance is supplied by a Al
InGaP light-emitting diode with the following characteristics:
dominant wavelength
λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
RGBC Characteristics, VDD = 3 V, TA = 25
5C, AGAIN = 16
y, AEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dark ADC count value
Ee = 0, AGAIN = 60
×, ATIME = 0xD6 (100 ms)
0
1
5
counts
ADC integration time step size
ATIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration steps
(Note 5)
1
256
steps
ADC counts per step (Note 5)
0
1024
counts
ADC count value (Note 5)
ATIME = 0xC0 (153.6 ms)
0
65535
counts
Gi
li
lti
t 1
× i
4
×
3.8
4
4.2
Gain scaling, relative to 1
× gain
16
×
15
16
16 8
y
Gain scaling, relative to 1
× gain
setting
16
×
15
16
16.8
y
setting
60
×
58
60
63
y
NOTE 5: Parameter ensured by design and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com