Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 15 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 15 Page - ams AG

Back Button TCS3772 Datasheet HTML 11Page - ams AG TCS3772 Datasheet HTML 12Page - ams AG TCS3772 Datasheet HTML 13Page - ams AG TCS3772 Datasheet HTML 14Page - ams AG TCS3772 Datasheet HTML 15Page - ams AG TCS3772 Datasheet HTML 16Page - ams AG TCS3772 Datasheet HTML 17Page - ams AG TCS3772 Datasheet HTML 18Page - ams AG TCS3772 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
14
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
System Timing
The system state machine shown in Figure 9 provides an overview of the states and state transitions that
provide system control of the device. This section highlights the programmable features, which affect the state
machine cycle time, and provides details to determine system level timing.
When the proximity detection feature is enabled (PEN), the state machine transitions through the Prox Accum,
Prox Wait, and Prox ADC states. The Prox Wait time is a fixed 2.4 ms, whereas the Prox Accum time is
determined by the number of proximity LED pulses (PPULSE) and the Prox ADC time is determined by the
integration time (PTIME). The formulas to determine the Prox Accum and Prox ADC times are given in the
associated boxes in Figure 14. If an interrupt is generated as a result of the proximity cycle, it will be asserted
at the end of the Prox ADC state.
When the power management feature is enabled (WEN), the state machine will transition in turn to the Wait
state. The wait time is determined by WLONG, which extends normal operation by 12
× when asserted, and
WTIME. The formula to determine the wait time is given in the box associated with the Wait state in Figure 14.
When the RGBC feature is enabled (AEN), the state machine will transition through the RGBC Init and RGBC
ADC states. The RGBC Init state takes 2.4 ms, while the RGBC ADC time is dependent on the integration time
(ATIME). The formula to determine RGBC ADC time is given in the associated box in Figure 14. If an interrupt
is generated as a result of the RGBC cycle, it will be asserted at the end of the RGBC ADC.
Prox
Wait
Sleep
Idle
Wait
Prox
Accum
RGBC
ADC
RGBC
Init
RGBC
Prox
ADC
Prox
PPULSE: 0 ~ 255 pulses
Time: 14.0
μs/pulse
Range: 0 ~ 3.6 ms
Time: 2.4 ms
PTIME: 1 ~ 256 steps
Time: 2.4 ms/step
Range: 2.4 ms ~ 614 ms
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.4 ms/step
28.8 ms/step
Range:
2.4 ms ~ 614 ms
28.8 ms ~ 7.37s
Time: 2.4 ms
ATIME: 1 ~ 256 steps
Time: 2.4 ms/step
Range: 2.4 ms ~ 614 ms
!WEN &
!AEN
AEN
!PON
WEN
!AEN
!PEN & WEN
& AEN
!WEN &
AEN
Notes: 1. There is a 2.4 ms warm-up delay if PON is enabled. If PON is not enabled, the device will return to the Sleep state as shown.
2. PON, PEN, WEN, and AEN are fields in the Enable register (0x00).
!PEN & !WEN
& AEN
PEN
I2C Start
(Note 1)
Figure 14. Detailed State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com